Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPS-RK-80SP

  • AI
    ## LPS-RK-80SP: Technical Overview The **LPS-RK-80SP** is a high-performance, current-limiting, time-delay cartridge fuse belonging to the **Low-Peak™** series by Bussmann (Eaton). It is designed for heavy-duty industrial applications requiring superior protection. --- ### 1. Key Technical Specifications | Feature | Specification | |:---|:---| | **Class** | RK1 | | **Amperage Rating** | 80 Amps | | **Voltage Rating (AC)** | 600 Vac | | **Voltage Rating (DC)** | 300 Vdc | | **Interrupting Rating (AC)** | 300,000A RMS Symmetrical | | **Interrupting Rating (DC)** | 100,000A | | **Response Time** | Time-Delay (Dual-Element) | --- ### 2. Internal Electronic Design The "SP" in the model number indicates the **Ultimate Protection** design, which incorporates several key electronic and physical characteristics: #### A. Dual-Element Construction Unlike a standard single-link fuse, this device uses two distinct elements: 1. **Thermal Element:** Handles low-level overloads. It utilizes a spring-loaded mechanism that triggers when a specific temperature is reached, allowing the fuse to ignore temporary surges (like motor startups). 2. **Short-Circuit Element:** A notched copper link that reacts instantly to high-magnitude faults, physically melting to break the circuit in milliseconds. #### B. Current Limitation As a **Class RK1** fuse, the LPS-RK-80SP is highly current-limiting. In the event of a short circuit, it forces the current to zero well before it reaches its peak magnitude. This significantly reduces the **Thermal Energy ($I^2t$)** and **Magnetic Force** that could damage downstream components. #### C. Materials * **Body:** High-grade fiberglass or melamine tube for high arc-containment. * **End Caps:** High-conductivity copper alloy (often silver-plated) to ensure minimal contact resistance and heat generation at the terminals. --- ### 3. Key Benefits & Applications * **Motor Protection:** The time-delay feature allows motors to pull high starting currents without "nuisance tripping," while still protecting the motor against sustained overloads. * **Coordination:** The 2:1 coordination ratio allows for easy selective coordination. If a fault occurs downstream, only the nearest fuse will blow, preventing a total system blackout. * **Safety:** The high 300kA interrupting rating ensures the fuse can safely handle even the most massive electrical faults found in industrial power distributions. --- ### 4. Comparison: RK1 vs. RK5 While both fit in the same fuse holders, the LPS-RK (RK1) provides superior protection compared to the FRN-R/FRS-R (RK5) series: | Feature | LPS-RK (RK1) | FRN/FRS (RK5) | |:---|:---|:---| | **Current Limitation** | Excellent (Lowest Peak) | Moderate | | **Short-Circuit Protection** | High | Standard | | **Primary Use** | Sensitive Electronics/Critical Systems | General Purpose Motors |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a time-delay fuse and a fast-acting fuse in motor applications?
    • ⤷ How do I interpret the '300
    • ⤷000A Interrupting Rating' in terms of safety?
    • ⤷ Can an LPS-RK-80SP be used in a standard 600V fuse holder?