Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LPX331M250C3P3

  • AI
    ## Technical Analysis of LPX331M250C3P3 The **LPX331M250C3P3** is a high-performance aluminum electrolytic capacitor manufactured by **Cornell Dubilier (CDE)**. It belongs to the **LPX series**, which is designed for high voltage, high ripple current, and long-life applications, typically found in power electronics. --- ### 1. Part Number Deciphering Understanding the alphanumeric code reveals the specific characteristics of the component: | Code Segment | Meaning | Value | | :--- | :--- | :--- | | **LPX** | Series Name | High Voltage, 85°C Snap-In | | **331** | Capacitance Code | 330 µF (33 + 1 zero) | | **M** | Tolerance | ±20% | | **250** | Voltage Rating | 250 VDC | | **C3P3** | Case Size/Form | ~25mm x 30mm (Diameter x Length) | --- ### 2. Key Technical Specifications This capacitor is engineered for stability under high-stress conditions. * **Type:** Aluminum Electrolytic (Snap-In) * **Capacitance:** 330 µF * **Voltage Rating:** 250 VDC * **Operating Temperature:** -40°C to +85°C * **Life Span:** Approximately 3,000 hours at 85°C (under rated conditions) * **Termination:** Snap-in terminals (standard 2-pin PC board mount) --- ### 3. Physical and Mechanical Features The "Snap-In" designation refers to the lead style, which allows the capacitor to "snap" into place on a PCB before soldering, providing mechanical stability. | Feature | Description | | :--- | :--- | | **Dimensions** | 25mm (Diameter) x 30mm (Height) | | **Mounting Type** | Through-Hole (Snap-In) | | **Safety Vent** | Located on the top or side to prevent explosion during failure | | **Sleeve** | PVC or PET insulation | --- ### 4. Typical Applications Due to its voltage rating (250V) and capacitance (330µF), this part is commonly used in the following circuits: 1. **Switching Power Supplies (SMPS):** Used as an input filter capacitor to smooth rectified AC. 2. **Motor Drives:** Provides energy storage and DC bus filtering. 3. **Uninterruptible Power Supplies (UPS):** Energy buffering during power transitions. 4. **Inverters:** Essential for converting DC back to AC in renewable energy systems. --- ### 5. Selection Considerations When replacing or designing with this part, keep these factors in mind: * **ESR (Equivalent Series Resistance):** Lower ESR is better for efficiency and heat reduction. * **Ripple Current:** Ensure the circuit's ripple current does not exceed the capacitor's rated limit (approx. 1.5A to 1.8A for this specific model). * **Polarity:** As an electrolytic capacitor, it is polarized. Incorrect installation will lead to component failure.
    ✨ Follow-up Questions
    • ⤷What is the ripple current rating for the LPX331M250C3P3 at 85°C?
    • ⤷ Are there any 105°C rated alternatives for this specific footprint?
    • ⤷ How does the snap-in lead spacing compare to standard radial capacitors?