Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR1012G-52-AF5-R

  • AI
    The **LR1012G-52-AF5-R** is a specific part number typically associated with a **Low Dropout (LDO) Linear Voltage Regulator**. This component is widely used in power management circuits where a stable, low-noise output voltage is required from a higher input voltage. --- ### 1. Part Number Breakdown While naming conventions vary slightly by manufacturer (often UTC - Unisonic Technologies), here is the standard breakdown for this series: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LR1012G** | Series Code | Low dropout linear regulator series | | **52** | Voltage Code | Indicates a fixed output voltage of **5.2V** | | **AF5** | Package Code | Typically refers to a **SOT-25** (or SOT-23-5) package | | **R** | Packing | Tape & Reel | --- ### 2. Technical Specifications Below are the typical electrical characteristics for the LR1012G series: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage (Max)** | Up to 6.0V - 7.0V | | **Output Voltage** | 5.2V (Fixed) | | **Output Current** | ~300mA to 500mA (Depending on thermal limits) | | **Dropout Voltage** | Very Low (approx. 150mV - 300mV @ full load) | | **Quiescent Current** | ~50µA - 90µA | | **Operating Temp** | -40°C to +85°C | --- ### 3. Pin Configuration (SOT-25) Standard LDOs in an AF5 (SOT-25) package usually follow this pinout: 1. **VIN**: Input Voltage Supply. 2. **GND**: Ground Reference. 3. **CE / EN**: Chip Enable (High = On, Low = Off). 4. **NC / ADJ**: No Connection (for fixed versions) or Feed-back. 5. **VOUT**: Regulated Output Voltage. --- ### 4. Key Features & Applications #### Features: * **Low Noise:** Ideal for sensitive RF and analog circuits. * **High PSRR:** Good ripple rejection from the power supply. * **Built-in Protections:** Usually includes thermal shutdown and current limit protection. * **Halogen-Free:** The "G" in the part number often signifies "Green" (Halogen-free and RoHS compliant). #### Common Applications: * Battery-powered devices (Smartphones, Tablets). * Post-regulation for switching power supplies. * Portable medical equipment. * Low-voltage microcontrollers and sensor arrays. --- ### 5. Circuit Example To use this part, a basic circuit requires minimal external components: ```text [Input Voltage] ----[ VIN ]-------[ VOUT ]---- [ Stabilized 5.2V ] | | [ C1: 1uF ] [ C2: 1uF ] | | [ GND ] [ GND ] ``` *Note: Low-ESR Ceramic capacitors are recommended for stability.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum input voltage for the LR1012G series?
    • ⤷ How does the 'Enable' pin function in power-saving modes?
    • ⤷ What are the equivalent alternative parts for a 5.2V SOT-25 LDO?