Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR1206-R02JW

  • AI
    The **LR1206-R02JW** is a specific type of surface-mount (SMD) power resistor, typically used for current sensing applications. Below is a detailed breakdown of its electronic characteristics and specifications. ### 1. Part Number Deciphering To understand the part, we can break down the alphanumeric code: | Segment | Meaning | Description | | :--- | :--- | :--- | | **LR** | Series | Low Resistance / Current Sensing Series | | **1206** | Case Size | Dimensions: 0.12" x 0.06" (3.2mm x 1.6mm) | | **R02** | Resistance Value | 0.02 Ohms (20 mΩ) | | **J** | Tolerance | ±5% | | **W** | Packaging | Typically indicates Tape & Reel packaging | --- ### 2. Key Technical Specifications This component is designed to handle high current loads with very low resistance to minimize power loss while allowing for voltage drop measurement. * **Resistance:** 20 Milliohms ($0.02\Omega$). * **Power Rating:** Usually **0.25W to 0.5W** (depending on the specific manufacturer like Welwyn or TT Electronics). * **Temperature Coefficient (TCR):** Generally ranges between $\pm100 \text{ ppm/}^\circ\text{C}$ to $\pm400 \text{ ppm/}^\circ\text{C}$. * **Technology:** Thick Film or Metal Strip (Metal strip is more common for the "LR" series to handle surges). * **Operating Temperature:** Typically $-55^\circ\text{C}$ to $+155^\circ\text{C}$. --- ### 3. Functional Applications The LR1206-R02JW is primarily used as a **Shunt Resistor**. Because its resistance is extremely low, it is placed in series with a load to measure current without significantly affecting the circuit. #### Common Use Cases: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. 2. **DC-DC Converters:** Providing feedback for over-current protection. 3. **Motor Control:** Sensing the phase current to regulate speed and torque. 4. **Power Supplies:** Implementing current limiting features. --- ### 4. Circuit Implementation Example In a typical current-sensing circuit, the voltage across this resistor ($V_{sense}$) is measured using an Operational Amplifier (Op-Amp). ```python # Calculating Voltage Drop and Power Dissipation # Formula: V = I * R | P = I^2 * R resistance = 0.02 # 20mOhms current = 3.0 # 3 Amps voltage_drop = current * resistance power_dissipation = (current ** 2) * resistance print(f"Voltage Drop: {voltage_drop}V") # 0.06V print(f"Power Used: {power_dissipation}W") # 0.18W (Within 0.25W limit) ``` --- ### 5. Design Considerations * **Heat Dissipation:** Even though 0.02Ω is small, at high currents, the 1206 package can get hot. Ensure adequate copper traces for heat sinking. * **Kelvin Connection:** For high accuracy, use a "4-terminal" (Kelvin) PCB layout to avoid measuring the resistance of the solder joints and traces. * **Tolerance:** The "J" rating (5%) means the actual resistance could be anywhere from 0.019Ω to 0.021Ω. If high precision is needed, an "F" (1%) grade is preferred.
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle before exceeding its 0.5W power rating?
    • ⤷ What is the difference between thick film and metal strip construction for LR series resistors?
    • ⤷ How do I implement a Kelvin connection layout for a 1206 shunt resistor?