Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR2010-R02GW

  • AI
    The **LR2010-R02GW** is a specialized electronic component primarily used for current sensing applications. It is a low-resistance, surface-mount chip resistor. ### 1. Technical Specifications Below is a breakdown of the key electrical and physical characteristics of this part: | Feature | Specification | Description | | :--- | :--- | :--- | | **Series** | LR Series | Metal strip / Metal plate technology | | **Package / Case** | 2010 (Imperial) | Physical dimensions: 5.0mm x 2.5mm | | **Resistance Value** | 0.02 $\Omega$ (20m$\Omega$) | Indicated by the "R02" code | | **Power Rating** | 1 Watt | Typical power dissipation capability | | **Tolerance** | $\pm$2% | Indicated by the "G" suffix | | **Operating Temp** | -55°C to +155°C | Standard industrial/automotive range | | **Technology** | Metal Plate | High stability and low noise | --- ### 2. Part Number Breakdown Understanding the nomenclature helps in identifying the specific properties of the resistor: * **LR**: Series name (Low Resistance / Metal Plate). * **2010**: The SMD package size (5025 Metric). * **R02**: The resistance value. "R" acts as the decimal point ($0.02\Omega$). * **G**: The tolerance code ($G = \pm2\%$). * **W**: Packaging code (usually refers to "Wide" terminal or specific Reel/Embossed tape packaging). --- ### 3. Key Features and Applications The LR2010 series is designed for "Current Shunt" applications where precision and heat dissipation are critical. #### Key Features: * **Low Inductance:** Because it uses a metal strip rather than a wire-wound or thick-film construction, it has very low parasitic inductance, making it suitable for high-frequency switching. * **High Power-to-Size Ratio:** The 2010 footprint can handle 1W of power, which is higher than standard thick-film resistors of the same size. * **TCR (Temperature Coefficient of Resistance):** Generally very low, ensuring the resistance remains stable even as the component heats up. #### Common Applications: 1. **Battery Management Systems (BMS):** Monitoring charge and discharge currents. 2. **DC-DC Converters:** Sensing output current for feedback loops. 3. **Motor Control:** Detecting overcurrent conditions in industrial drives. 4. **Power Supplies:** Used as a shunt resistor to measure current flow using Ohm's Law ($V = I \times R$). --- ### 4. Typical Circuit Integration In a typical current sensing circuit, the resistor is placed in series with the load. The voltage drop across the resistor is measured by an amplifier: ```text [Power Source] ----+---- [LR2010-R02GW] ----+---- [Load] ---- [GND] | | +----( To Sense Amp )----+ ```
    ✨ Follow-up Questions
    • ⤷What is the difference between a metal plate resistor and a thick film resistor?
    • ⤷ How do I calculate the maximum current this resistor can handle?
    • ⤷ Are there alternative tolerances available for the LR2010 series?