Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR2010-R02JW

  • AI
    The **LR2010-R02JW** is a high-power, low-resistance surface-mount resistor (SMD), typically used for current sensing applications. It is manufactured by companies like **Welwyn (TT Electronics)**. --- ### 1. Part Number Breakdown Understanding the alphanumeric code helps identify the component's exact specifications: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LR** | Series | Low Resistance / Current Sense | | **2010** | Case Size | 2010 Imperial (approx. 5.0mm x 2.5mm) | | **R02** | Resistance Value | 0.02 Ohms (20 mΩ) | | **J** | Tolerance | ±5% | | **W** | Packaging/Special | Typically denotes Bulk or Tape & Reel | --- ### 2. Key Technical Specifications This component is designed to handle high current loads while maintaining stability. * **Resistance:** 20 mΩ ($0.02 \Omega$) * **Power Rating:** Usually **1 Watt** to **1.5 Watts** (depending on the specific manufacturer's thermal management). * **Temperature Coefficient (TCR):** Low TCR (typically $\pm100$ to $\pm200 \text{ ppm/}^\circ\text{C}$) to ensure accuracy as the part heats up. * **Technology:** Metal strip or thick film on ceramic. * **Operating Temperature:** Typically $-55^\circ\text{C}$ to $+155^\circ\text{C}$. --- ### 3. Applications Because of its low resistance and high power rating, it is primarily used in: 1. **Current Sensing:** Measuring the voltage drop across the resistor to calculate current flow ($I = V/R$). 2. **Power Management:** Used in DC-DC converters and battery management systems (BMS). 3. **Motor Control:** Monitoring torque and speed via current feedback. 4. **Overcurrent Protection:** Detecting surge currents to trigger safety shut-offs. --- ### 4. Footprint and Soldering The **2010 package** is larger than standard signal resistors (like 0603 or 0805) to allow for better heat dissipation. ```text Dimension Reference (Approximate): Length: 5.00 mm Width: 2.50 mm Height: 0.60 mm ``` ---
    ✨ Follow-up Questions
    • ⤷What is the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ How does a ±5% tolerance affect current sensing accuracy compared to a ±1% version?
    • ⤷ Are there specific PCB layout tips for heat dissipation with 2010 size resistors?