Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR2512-R02GPB

  • AI
    The **LR2512-R02GPB** is a high-power, low-resistance surface mount (SMD) chip resistor, typically used for current sensing applications. It is part of the **LR Series** manufactured by companies like Welwyn (TT Electronics) or similar precision component manufacturers. --- ### ## Technical Specifications The following table summarizes the core technical characteristics of the LR2512-R02GPB: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Resistance Value** | 0.02 $\Omega$ (20m$\Omega$) | Ultra-low resistance for current sensing | | **Package Size** | 2512 (Imperial) | Metric equivalent: 6432 | | **Power Rating** | 2 Watts | High power dissipation capability | | **Tolerance** | ±2% (G) | Precision level for the resistance value | | **Temperature Coefficient** | ±100 ppm/°C | Stability across temperature ranges | | **Technology** | Thick Film / Metal Foil | Designed for high reliability and low noise | --- ### ## Component Breakdown The part number can be decoded as follows: 1. **LR**: Series identifier (Low Resistance/Current Sense). 2. **2512**: Physical dimensions ($0.25 \times 0.12$ inches). 3. **R02**: Resistance value ($R$ acts as decimal, so $0.02\Omega$). 4. **G**: Tolerance code (G = ±2%). 5. **PB**: Lead-free/RoHS compliant finish. --- ### ## Key Features and Applications ### Features * **Low Inductance:** Ideal for high-frequency switching applications. * **High Power-to-Size Ratio:** The 2512 package allows for 2W of power, which is significant for its footprint. * **Thermal Management:** Designed to withstand high temperatures without significant resistance drift. ### Common Applications * **Power Supplies:** Monitoring output current in DC-DC converters. * **Battery Management Systems (BMS):** Measuring charge and discharge cycles. * **Motor Control:** Detecting over-current conditions to protect the motor. * **Automotive Electronics:** Used in various ECU power stages. --- ### ## Typical Circuit Implementation In a current sensing circuit, this resistor is placed in series with the load. The voltage drop across the resistor ($V = I \times R$) is measured by an amplifier to determine the current flow. ```cpp // Example: Calculating Current from Voltage Drop float resistance = 0.02; // 20mOhms float measuredVoltage = 0.04; // 40mV measured across the resistor float current = measuredVoltage / resistance; // Result: 2.0 Amperes ```
    ✨ Follow-up Questions
    • What are the main differences between 1% (F) and 2% (G) tolerance in current sensing?
    • How does the power rating change if the ambient temperature exceeds 70°C?
    • Are there alternative package sizes for the LR series with the same 0.02 ohm resistance?