Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR71825AG-SH2-R

  • AI
    ## Analysis of the LR71825AG-SH2-R The **LR71825AG-SH2-R** is a high-performance, low-dropout (LDO) linear regulator. It is designed to provide a stable, low-noise output voltage from a higher input voltage, commonly used in battery-powered devices and precision analog circuits. --- ### 1. Key Technical Specifications Below are the primary electrical characteristics typically associated with this part: | Feature | Specification | | :--- | :--- | | **Output Voltage** | 2.5V (Fixed) | | **Input Voltage Range** | Up to 6V - 7V | | **Output Current** | 300mA to 500mA (typical for series) | | **Dropout Voltage** | Low (typically < 300mV at full load) | | **Package Type** | SOT-263 / SOT-23 (SH2 designation) | | **Mounting Type** | Surface Mount (SMD) | | **Protection Features** | Thermal Shutdown, Overcurrent Protection | --- ### 2. Part Number Breakdown The nomenclature for UTC (Unisonic Technologies) parts generally follows this logic: 1. **LR718**: The series identifier (High-speed LDO). 2. **25**: Indicates the output voltage (2.5 Volts). 3. **A**: Accuracy grade or specific revision. 4. **G**: Halogen-free and RoHS compliant. 5. **SH2**: Package code (typically refers to a specific SOT variant). 6. **R**: Tape and Reel packaging. --- ### 3. Core Functions and Applications #### Functions * **Voltage Regulation:** Maintains a constant 2.5V output despite fluctuations in input voltage or load current. * **Noise Filtering:** Provides a clean power rail for sensitive components like sensors or RF modules. * **Power Management:** Used to step down voltage from a Li-ion battery (3.7V - 4.2V) to logic levels (2.5V). #### Typical Applications * Mobile Phones and Tablets. * Portable Medical Equipment. * Wireless Communication Modules. * Battery-powered Instrumentation. --- ### 4. Implementation Example When using this LDO, external capacitors are required for stability. Below is a standard connection representation: ```mermaid graph LR Vin(Input Voltage) --> |C1: 1uF| LDO[LR71825AG] LDO --> |C2: 1uF| Vout(2.5V Output) LDO --- GND(Ground) ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternatives to the LR71825AG series?
    • ⤷ How does the dropout voltage affect power efficiency in this component?
    • ⤷ What is the maximum operating temperature for the SH2 package?