Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LR9203PL-24-AF5-R

  • AI
    ## Technical Analysis: LR9203PL-24-AF5-R The **LR9203PL-24-AF5-R** is a specific low-dropout (LDO) linear regulator produced by **Unisonic Technologies (UTC)**. It belongs to the LR9203 series, designed for high efficiency and stable voltage regulation in compact electronic devices. --- ### 1. Part Number Breakdown Understanding the suffix codes helps identify the specific characteristics of this component: | Code Segment | Meaning | Specification | | :--- | :--- | :--- | | **LR9203** | Series Name | High Output Current LDO Regulator | | **PL** | Lead-free/Halogen-free | Compliance with environmental standards | | **24** | Output Voltage | **2.4V Fixed Output** | | **AF5** | Package Type | **SOT-25** (Small Outline Transistor) | | **R** | Packing | Tape & Reel | --- ### 2. Key Technical Specifications Based on the UTC datasheet, the electrical parameters for this specific variant are as follows: * **Input Voltage Range:** Up to 6.0V (Operating). * **Output Voltage:** Fixed at 2.4V. * **Maximum Output Current:** Typically **300mA**. * **Dropout Voltage:** Very low, typically **150mV @ 100mA**. * **Quiescent Current:** Approximately **60µA** (typical), making it suitable for battery-powered applications. * **PSRR (Power Supply Rejection Ratio):** Typically **70dB at 1kHz**, providing excellent noise filtering. * **Operating Temperature:** -40°C to +85°C. --- ### 3. Core Features The LR9203 series is engineered with several internal protection and performance features: * **Internal Current Limiting:** Protects the device during output short circuits. * **Thermal Shutdown:** Built-in protection against overheating. * **High Stability:** Designed to be stable even with low-ESR ceramic capacitors. * **Enable/Shutdown Pin:** The SOT-25 package usually includes a "CE" (Chip Enable) pin to put the device into a low-power standby mode (<1µA). --- ### 4. Pin Configuration (SOT-25) The **AF5** package corresponds to the SOT-25 (also known as SOT-23-5). The standard pinout for this series is: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **VIN** | Power Input | | 2 | **GND** | Ground | | 3 | **CE** | Chip Enable (High = On, Low = Off) | | 4 | **NC/BYP** | No connection or Bypass Capacitor | | 5 | **VOUT** | Regulated 2.4V Output | --- ### 5. Common Applications * **Mobile Communication:** Cell phones and wireless handsets. * **Battery-Powered Equipment:** Due to low quiescent current. * **Reference Voltages:** Providing stable rails for microcontrollers and sensors. * **Portable Media Players:** Cameras, MP3 players, and tablets.
    ✨ Follow-up Questions
    • ⤷ What are the recommended capacitor values for input and output stability for the LR9203?
    • ⤷ How does the LR9203 compare to the XC6206 series in terms of dropout voltage?
    • ⤷ Is there an adjustable version of the LR9203
    • ⤷ or are they only fixed voltage?