Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LRF1206-R02GPB

  • AI
    The **LRF1206-R02GPB** is a high-precision, low-resistance surface mount (SMD) resistor manufactured by **Welwyn (TT Electronics)**. It is part of the LRF series designed for current sensing applications. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Case Size** | 1206 (Imperial) / 3216 (Metric) | | **Resistance Value** | 20 mΩ (0.02 Ω) | | **Tolerance** | ±2% (indicated by 'G') | | **Power Rating** | 0.5 Watts (at 70°C) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Technology** | Thick Film on Ceramic | | **Termination Style** | Wrap-around (Matte Tin over Nickel) | --- ### 2. Key Features * **Low Ohmic Values:** Specifically designed for minimal voltage drop while maintaining accuracy. * **High Power-to-Size Ratio:** The 1206 package allows for 0.5W dissipation, which is higher than standard general-purpose resistors of the same size. * **Current Sensing:** Optimized for monitoring current flow in electronic circuits without significantly impacting the load. * **Pb-Free / RoHS Compliant:** Meets environmental safety standards for modern manufacturing. --- ### 3. Functional Applications The LRF1206-R02GPB is primarily used in circuits where current needs to be measured or regulated: 1. **Power Management:** Used in DC-DC converters to monitor output current. 2. **Battery Protection:** Integrated into BMS (Battery Management Systems) to detect over-current conditions. 3. **Motor Control:** Provides feedback for speed and torque regulation in small DC motors. 4. **Over-Current Protection:** Acts as a sense resistor for triggering protection circuits in consumer electronics. --- ### 4. Part Number Breakdown The code `LRF1206-R02GPB` can be decoded as follows: * **LRF:** Series name (Low Resistance Film). * **1206:** Physical dimensions (0.12 x 0.06 inches). * **R02:** Resistance value (R denotes decimal, so 0.02 Ohms). * **G:** Tolerance (G = 2%, F = 1%, J = 5%). * **PB:** Packaging/Lead-free indicator (typically Tape & Reel).
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 0.5W rating?
    • ⤷ How does the 2% tolerance compare to the 1% 'F' version for precision sensing?
    • ⤷ Are there recommended PCB layout techniques for Kelvin (4-wire) sensing with this part?