Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LRF2010-R02FW

  • AI
    The **LRF2010-R02FW** is a high-precision, low-resistance surface mount resistor (Current Sense Resistor) manufactured by TT Electronics/Welwyn. It is specifically designed for power management and current sensing applications. --- ### 1. Technical Specifications Below are the primary electrical and physical characteristics of the component: | Parameter | Value/Detail | | :--- | :--- | | **Resistance** | 20 mΩ (0.02 Ω) | | **Tolerance** | ±1% (F) | | **Power Rating** | 1 Watt (at 70°C) | | **Package Size** | 2010 (Metric 5025) | | **Temperature Coefficient (TCR)** | ±100 ppm/°C | | **Technology** | Thick Film on Ceramic | | **Operating Temperature** | -55°C to +150°C | --- ### 2. Breakdown of the Part Number The alphanumeric code provides specific details about the component's construction: * **LRF**: Low Resistance Fluorine-free (Series designation). * **2010**: The physical footprint (0.20 x 0.10 inches). * **R02**: The resistance value (R02 = 0.02 Ω). * **F**: The tolerance (F = ±1.0%). * **W**: The packaging type (typically refers to Tape & Reel). --- ### 3. Key Functional Features * **Current Sensing:** Because the resistance is extremely low (20 mΩ), it is used to measure current flow by monitoring the voltage drop across the resistor ($V = I \times R$) with minimal power loss. * **Low Inductance:** Its flat, surface-mount design ensures low self-inductance, making it suitable for high-frequency switching applications. * **Thermal Management:** The 2010 package provides a larger surface area than 1206 resistors, allowing for better heat dissipation of the 1W power rating. --- ### 4. Common Applications This part is typically found in circuits requiring precise power monitoring: 1. **DC-DC Converters:** Sensing output current for feedback loops. 2. **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in lithium-ion packs. 3. **Motor Control:** Detecting over-current conditions to protect the motor driver. 4. **Power Supplies:** Implementing current limiting or short-circuit protection. ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle based on its 1W power rating?
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of current sensing?
    • ⤷ What are the footprint dimensions in millimeters for a 2010 package?