Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LRF2512-R01FW

  • AI
    The **LRF2512-R01FW** is a high-power, low-resistance surface mount (SMD) chip resistor. It is part of the LRF series manufactured by **TT Electronics/Welwyn**, specifically designed for current sensing applications where high precision and thermal stability are required. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Package / Case** | 2512 (6432 Metric) | | **Resistance Value** | 0.01 Ohms ($10 m\Omega$) | | **Tolerance** | $\pm 1\%$ (F) | | **Power Rating** | 2 Watts | | **Temperature Coefficient (TCR)** | $\pm 100 \text{ ppm/}^\circ\text{C}$ | | **Technology** | Thick Film on Steel or Ceramic | | **Operating Temperature** | $-55^\circ\text{C}$ to $+150^\circ\text{C}$ | --- ### 2. Breakdown of the Part Number The part number follows a specific nomenclature used by TT Electronics: * **LRF**: Low Resistance Foil/Film Series. * **2512**: The physical dimensions ($0.25 \times 0.12$ inches). * **R01**: The resistance value ($R$ acts as a decimal point, so $0.01\Omega$). * **F**: The tolerance ($\text{F} = 1\%$, $\text{J} = 5\%$). * **W**: Packaging code (usually refers to Tape & Reel). --- ### 3. Features and Functions #### A. Current Sensing Because the resistance is extremely low ($10 m\Omega$), this component is used as a **Shunt Resistor**. By measuring the voltage drop across this resistor ($V = I \times R$), a microcontroller or power management IC can calculate the precise current flowing through a circuit. #### B. High Power Dissipation The 2512 package size is larger than standard 0805 or 1206 resistors. This allows it to handle **2 Watts** of power. In current sensing, power dissipation is calculated as $P = I^2 \times R$. * *Example:* At 10 Amps, $P = 10^2 \times 0.01 = 1 \text{ Watt}$. This part stays well within its safety limits. #### C. Kelvin Connection (Recommended) While this is a 2-terminal device, it is often used with "Kelvin" (4-wire) PCB traces to eliminate the resistance of the solder joints from the measurement, ensuring the $10 m\Omega$ accuracy is maintained. --- ### 4. Typical Applications * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles. * **DC-DC Converters:** Controlling output current. * **Motor Control:** Detecting overcurrent conditions or managing torque. * **Power Supplies:** Load regulation and protection circuits. ---
    ✨ Follow-up Questions
    • ⤷ How do I calculate the maximum current this resistor can handle without exceeding 2 Watts?
    • ⤷ What is the benefit of using a metal foil resistor over a standard thick film resistor for current sensing?
    • ⤷ Can you explain how to layout the PCB traces for a Kelvin connection with this 2512 package?