Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LS-2A3-R

  • AI
    The **LS-2A3-R** is a high-fidelity output transformer specifically engineered for use in vacuum tube amplifiers. It is designed to pair with the legendary **2A3** triode tube, which is celebrated by audiophiles for its linear response and musicality. --- ## 1. Core Technical Specifications The LS-2A3-R acts as an impedance matcher between the high-impedance plate of a vacuum tube and the low-impedance voice coil of a speaker. | Parameter | Specification (Typical) | | :--- | :--- | | **Primary Impedance** | 2.5kΩ to 3.5kΩ (Optimized for 2A3) | | **Secondary Impedance** | 4Ω, 8Ω, and 16Ω Taps | | **Max Power Output** | 5W - 8W (Single Ended) | | **Frequency Response** | 10Hz – 40kHz (±1dB) | | **Max DC Current** | 60mA - 80mA (Primary winding) | | **Core Material** | High-permeability Silicon Steel / Oriented Core | --- ## 2. Key Electronic Features ### A. Single-Ended (SE) Design The "R" suffix often denotes a specific revision or orientation for **Single-Ended** Class A operation. Because SE transformers carry the full DC plate current of the tube, they include an internal "air gap" in the iron core to prevent magnetic saturation. ### B. Ultra-Linear Taps Most LS-2A3 series transformers feature multi-tap secondaries. This allows the user to match the transformer to various speaker loads (4, 8, or 16 ohms) to ensure maximum power transfer and minimum distortion. ### C. Layered Winding Technique To achieve the wide frequency response (high-end air and low-end punch), the windings are interleaved. This reduces **leakage inductance** and **stray capacitance**, which are the primary enemies of high-frequency clarity in tube audio. --- ## 3. Application in Circuitry In a typical amplifier build, the LS-2A3-R is positioned at the final stage of the signal chain: 1. **Primary Side:** Connected to the **Plate (Anode)** of the 2A3 tube and the **B+ High Voltage** power supply. 2. **Secondary Side:** Connected directly to the **Speaker Terminals**. 3. **Grounding:** The transformer frame must be grounded to the chassis to shield against electromagnetic interference (EMI). --- ## 4. Maintenance and Safety * **Voltage Stress:** The primary side operates at lethal voltages (250V - 400V DC). Ensure capacitors are discharged before handling. * **Heat:** While transformers run relatively cool, ensure adequate ventilation within the amplifier chassis to prevent heat soak from the power tubes.
    ✨ Follow-up Questions
    • ⤷ What is the difference between Single-Ended and Push-Pull transformers for a 2A3 tube?
    • ⤷ How does the air gap in the LS-2A3-R prevent magnetic saturation?
    • ⤷ What are the recommended wire gauges for connecting the secondary taps to speakers?