Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LS03-R2

  • AI
    The **LS03-R2** is a compact, high-efficiency AC-DC converter module designed for low-power applications. It belongs to the Mornsun LS series, known for its "DIY" layout flexibility and ultra-small footprint. ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 264 VAC (or 70 - 400 VDC) | | **Output Voltage** | 3.3V, 5V, 9V, 12V, 15V, 24V DC (Model dependent) | | **Output Power** | 3 Watts (Max) | | **Efficiency** | Up to 80% | | **Isolation Voltage** | 3000 VAC | | **Package Type** | SIP (Single Inline Package) | --- ### 2. Core Electronic Components & Architecture The LS03-R2 is not a standalone "plug-and-play" brick; it requires external peripheral components to function safely. Internally, it consists of: * **Switching Controller:** An integrated PWM (Pulse Width Modulation) controller that manages power conversion. * **High-Voltage MOSFET:** Acts as the primary switch to chop the incoming rectified DC voltage. * **Isolation Transformer:** Provides the physical barrier between the high-voltage AC side and the low-voltage DC side. * **Feedback Loop:** Uses an optocoupler (usually) to regulate the output voltage accurately under varying loads. --- ### 3. Required External Circuitry To use the LS03-R2, you must add specific electronic parts to complete the circuit: #### A. Input Side (Primary) * **Fuse:** Essential for safety (typically 1A/250V slow-blow). * **Varistor (MOV):** Protects the module from voltage surges (e.g., 14D471K). * **NTC Resistor:** Limits inrush current. * **Electrolytic Capacitor ($C_1$):** Filters the rectified input. A common value is $10\mu F / 400V$. * **EMC Filter:** An inductor ($L_1$) is often required to meet EMI standards. #### B. Output Side (Secondary) * **Filter Capacitor ($C_2$):** A low-ESR electrolytic capacitor to reduce output ripple. * **Ceramic Capacitor ($C_3$):** A small 0.1$\mu$F capacitor to filter high-frequency noise. * **Zener Diode:** Used for voltage clamping to protect the load if the feedback loop fails. --- ### 4. Typical Application Diagram ```mermaid graph LR AC_In --> Fuse --> Rectifier --> LS03-R2_Module LS03-R2_Module --> Filter_Capacitor --> DC_Out ``` --- ### 5. Common Applications * **IoT Devices:** Powering microcontrollers like ESP32 or STM32. * **Smart Home:** Powering smart switches, sensors, and relays. * **Industrial:** Auxiliary power supplies for control boards where space is critical.
    ✨ Follow-up Questions
    • ⤷ What are the specific values for the input filter capacitor C1 in a 230VAC setup?
    • ⤷ Does the LS03-R2 have built-in short circuit protection?
    • ⤷ What is the difference between the LS03-R2 and the LS05-R2 models?