Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LS03-R24J-RC

  • AI
    ### Overview of LS03-R24J-RC The **LS03-R24J-RC** is a precision **Surface Mount Device (SMD) Power Inductor**. Components in this category are designed to store energy in a magnetic field and are critical for managing power flow in electronic circuits. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Parameter | Typical Value | Notes | | :--- | :--- | :--- | | **Inductance** | 24 µH | Measured at 1 MHz | | **Tolerance** | ±5% | Indicated by the "J" suffix | | **Package Size** | 1210 (EIA) / 3225 (Metric) | 3.2mm x 2.5mm footprint | | **DC Resistance (DCR)** | ~1.5 - 2.5 Ω | Varies slightly by manufacturer batch | | **Rated Current** | ~100mA - 150mA | Maximum continuous current | | **Operating Temp** | -40°C to +125°C | Includes self-heating | --- ### Key Features and Construction 1. **Wire-Wound Core:** This part typically utilizes a wire-wound construction around a ceramic or ferrite core, providing high reliability and stable performance across different frequencies. 2. **Epoxy Encapsulation:** The "RC" suffix often denotes **RoHS Compliance**, ensuring the part is lead-free and environmentally safe. The body is usually coated with a protective resin. 3. **High Q Factor:** Because of its precision (±5%), it maintains a high Quality Factor, meaning it has low energy loss relative to its energy storage. --- ### Common Applications This inductor is frequently found in the following circuit types: * **DC-DC Converters:** Used for voltage regulation and smoothing ripples in power supplies. * **Filtering:** Acts as a low-pass filter to block high-frequency noise in communication lines. * **Signal Processing:** Used in RF (Radio Frequency) circuits where precise inductance values are required for tuning. * **Consumer Electronics:** Found in smartphones, tablets, and portable medical devices due to its small 1210 form factor. --- ### Deciphering the Part Number ```text LS 03 - R 24 J - RC | | | | | | | | | | | +-- RoHS Compliant | | | | +------ Tolerance (J = ±5%) | | | +--------- Inductance Value (24 = 24 µH) | | +------------ Value Modifier (Decimal point indicator) | +---------------- Case Size (03 refers to 1210/3225 size) +------------------- Series (Wire-wound Inductor) ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the LS03-R24J-RC?
    • ⤷ How does the self-resonant frequency (SRF) affect this inductor's performance in RF circuits?
    • ⤷ What is the difference between the J tolerance and K tolerance in inductors?