Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LS03-R56J-RC

  • AI
    The **LS03-R56J-RC** is a surface-mount (SMD) power inductor commonly used in high-frequency circuits. It is part of the LS series, typically manufactured by companies like Taiyo Yuden or Bourns (depending on the specific vendor suffix). --- ### ## Technical Specifications Below is a breakdown of the electrical and physical characteristics of this component: | Parameter | Value | | :--- | :--- | | **Inductance** | 0.56 µH (indicated by "R56") | | **Tolerance** | ±5% (indicated by "J") | | **Package / Case** | 0603 (Metric 1608) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Core Material** | Ferrite | | **Shielding** | Unshielded (Standard for this size) | | **RoHS Status** | Compliant (indicated by "RC") | --- ### ### Part Number Breakdown Understanding the nomenclature helps in identifying equivalent parts: 1. **LS03**: Refers to the series and physical size (0603 package). 2. **R56**: The inductance value. "R" acts as a decimal point ($0.56$ microhenries). 3. **J**: Represents the tolerance level ($J = \pm 5\%$). 4. **RC**: Signifies RoHS Compliance (Lead-free). --- ### ### Key Features and Applications The LS03 series is designed for miniaturized electronic circuits where space is a premium but stable inductance is required. * **High Self-Resonant Frequency (SRF):** Due to its small size and ferrite core, it performs well in high-frequency RF applications. * **Applications:** * **RF Tuning:** Used in impedance matching and resonance circuits. * **Filtering:** Decoupling and noise suppression in mobile devices. * **Signal Conditioning:** Common in GPS, Bluetooth, and WLAN modules. --- ### ### Handling and Soldering Since this is a 0603 package, it is extremely small ($1.6mm \times 0.8mm$). ```markdown * Solder Profile: Reflow soldering is recommended. * Moisture Sensitivity: Typically MSL 1 (Unlimited floor life). * Storage: Should be kept in original tape and reel to prevent oxidation of terminals. ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating (Irms) for this specific inductor?
    • ⤷ Can I substitute a ±10% tolerance inductor in a circuit designed for the LS03-R56J-RC?
    • ⤷ What are the typical DC resistance (DCR) values for 0.56 µH 0603 inductors?