Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LS03-R68J-RC

  • AI
    The **LS03-R68J-RC** is a surface-mount (SMD) power inductor commonly used in high-frequency and compact electronic circuits. It is part of the **LS03 series**, typically manufactured by companies like Allied Components International. --- ### ## 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Feature | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | The nominal inductance value. | | **Tolerance** | ±5% (J) | The allowable variance from the nominal value. | | **Case Size** | 1008 (Metric 2520) | Physical dimensions of the component. | | **Material** | Wire-wound Ferrite | Provides high Q factors and stability. | | **Termination** | RoHS Compliant (RC) | Lead-free and environmentally friendly. | --- ### ## 2. Electrical Characteristics These parts are designed for efficiency in power management and signal filtering. * **Rated Current ($I_{dc}$):** Usually rated between 400mA to 850mA (depending on the specific manufacturer batch), which is the maximum continuous DC current the inductor can handle without overheating. * **DC Resistance (DCR):** Low resistance (typically < 0.50 $\Omega$) to minimize power loss. * **Self-Resonant Frequency (SRF):** High SRF ensures the component behaves as an inductor over a wide range of operating frequencies. --- ### ## 3. Applications The LS03-R68J-RC is versatile and found in the following scenarios: 1. **RF Circuits:** Used for impedance matching and decoupling in wireless communication devices. 2. **DC-DC Converters:** Serves as an energy storage element in small buck/boost power supplies. 3. **EMI Filtering:** Helps suppress high-frequency noise in signal lines for mobile phones, tablets, and wearable tech. 4. **Signal Processing:** Used in filters for audio and video equipment to ensure signal integrity. --- ### ## 4. Physical Dimensions (Approximate) The 1008 package size is standard for automated pick-and-place assembly. ```text Length (L): 2.5 mm Width (W): 2.0 mm Height (H): 1.6 mm ``` ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers for the LS03-R68J-RC?
    • ⤷ How does the ferrite core material affect its performance at high frequencies?
    • ⤷ What is the maximum operating temperature for this inductor?