Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LS103C

  • AI
    The **LS103C** is a part of the **LS103 series**, which consists of high-speed Schottky Barrier Diodes (SBD) typically housed in a **MiniMELF (SOD-80)** glass package. These diodes are designed for high-frequency switching and low-voltage applications. --- ### ## 1. Technical Specifications The "C" suffix in LS103C denotes specific electrical characteristics within the 103 series (A, B, and C). | Parameter | Symbol | Value | Unit | | :--- | :--- | :--- | :--- | | **Peak Reverse Voltage** | $V_{RRM}$ | 20 | V | | **Forward Continuous Current** | $I_F$ | 350 | mA | | **Forward Voltage Drop** | $V_F$ | Max 0.37 @ 20mA | V | | **Reverse Recovery Time** | $t_{rr}$ | 10 | ns | | **Power Dissipation** | $P_{tot}$ | 400 | mW | | **Junction Temperature** | $T_j$ | -65 to +125 | °C | --- ### ## 2. Key Features * **Low Forward Voltage ($V_F$):** Compared to standard PN junction diodes (0.7V), the LS103C has a very low $V_F$, which reduces power loss and improves efficiency. * **Fast Switching:** Due to the Schottky barrier mechanism, the reverse recovery time is extremely short, making it ideal for high-speed logic and RF circuits. * **MiniMELF Package:** The SOD-80 cylindrical package is surface-mountable and provides excellent thermal stability for its size. * **Guard Ring Construction:** Integrated guard ring for stress protection and long-term reliability. --- ### ## 3. Common Applications The LS103C is versatile and found in various electronic sectors: 1. **Rectification:** Small scale AC-to-DC conversion in battery-powered devices. 2. **Clamping & Protection:** Used to protect sensitive IC inputs from voltage spikes or reverse polarity. 3. **Mixer & Detectors:** Because of its high frequency response, it is used in radio frequency (RF) signal detection. 4. **Logic Circuits:** Used in high-speed digital switching where minimal propagation delay is required. --- ### ## 4. Comparison Table: LS103 Series The primary difference between the versions is the **Reverse Voltage ($V_R$)** and **Forward Voltage ($V_F$)** limits: | Part Number | $V_R$ (Max) | $V_F$ (Max) @ 20mA | | :--- | :--- | :--- | | **LS103A** | 40V | 0.37V | | **LS103B** | 30V | 0.37V | | **LS103C** | 20V | 0.37V | ---
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the LS103C and the 1N4148 switching diode?
    • ⤷ How does the MiniMELF package affect the soldering process compared to SOD-123?
    • ⤷ Can the LS103C be used for high-power rectification tasks?