LS840-2
AI

The **LS840-2** (specifically the LS840 series manufactured by **Linear Systems**) is a high-performance **Monolithic Dual N-Channel JFET** (Junction Field-Effect Transistor). It is designed primarily for high-gain, low-noise differential amplification.
---
### 1. Key Technical Specifications
The "2" in the part number usually refers to a specific grade of electrical characteristics (often related to Gate Threshold Voltage or Gate Leakage).
| Parameter | Value / Range |
| :--- | :--- |
| **Type** | N-Channel Monolithic Dual JFET |
| **Breakdown Voltage ($V_{GSS}$)** | -40V |
| **Gate Leakage Current ($I_{G}$)** | < 10pA (Ultra-low) |
| **Transconductance ($g_{fs}$)** | 1000 µS to 3000 µS |
| **Input Capacitance ($C_{iss}$)** | ~5 pF |
| **Package Options** | TO-71, SOIC-8, SOT-23 |
---
### 2. Core Electronic Features
#### A. Monolithic Construction
Unlike discrete JFETs paired together, the LS840-2 is built on a single silicon chip. This ensures:
* **Thermal Tracking:** Both transistors stay at the same temperature, preventing offset drift.
* **Tight Matching:** The characteristics ($V_{GS}$ and $I_{DSS}$) of the two transistors are nearly identical.
#### B. Low Noise Performance
The LS840-2 is optimized for low-frequency noise reduction. It is often used in sensitive sensor interfaces where "flicker noise" ($1/f$ noise) must be minimized.
#### C. High Input Impedance
With a gate leakage current in the picoampere range, it draws almost no current from the signal source, making it ideal for high-impedance transducers like pH probes or piezo sensors.
---
### 3. Common Pin Configuration (SOIC-8 / TO-71)
In a standard dual package, the pins are typically assigned as follows:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| 1 | **S1** | Source of JFET 1 |
| 2 | **D1** | Drain of JFET 1 |
| 3 | **G1** | Gate of JFET 1 |
| 4 | **Substrate** | Usually connected to the most negative rail |
| 5 | **G2** | Gate of JFET 2 |
| 6 | **D2** | Drain of JFET 2 |
| 7 | **S2** | Source of JFET 2 |
---
### 4. Applications
The LS840-2 is frequently found in high-end precision instrumentation:
1. **Differential Input Stages:** Used as the first stage in Operational Amplifiers (Op-Amps) to provide high CMRR (Common Mode Rejection Ratio).
2. **Electrometer Amplifiers:** Measuring extremely small currents.
3. **Audio Pre-amplifiers:** High-fidelity audio equipment requiring low noise and high input impedance.
4. **Medical Instrumentation:** Buffering signals from biological sensors.
- ⤷
How does the LS840-2 compare to the LS844 or LS841 models?
- ⤷ What are the specific advantages of using a monolithic dual JFET over two separate JFETs?
- ⤷ Can you provide a basic circuit diagram for a differential amplifier using the LS840-2?