Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSA05013P

  • AI
    The **LSA05013P** is a specific electronic component typically categorized as a **Surface Mount Device (SMD) Power Inductor**. These parts are essential in power management circuits for filtering and energy storage. --- ### 1. Key Technical Specifications Below are the typical specifications for the LSA05013P series inductors: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Inductance** | 1.3 | µH (Microhenries) | | **Tolerance** | ±20% | % | | **DC Resistance (DCR)** | ~18 - 25 | mΩ (Milliohms) | | **Saturation Current (Isat)** | ~4.5 - 6.0 | Amperes (A) | | **Operating Temp** | -40 to +125 | °C | | **Package Size** | 5.0 x 5.0 x 1.3 | mm | --- ### 2. Functional Characteristics The LSA05013P is designed with several specific electronic features: * **Low Profile Construction:** The "13" in the part number often signifies a height of **1.3mm**, making it ideal for ultra-thin electronics like smartphones or tablets. * **Magnetic Shielding:** Most LSA series inductors are magnetically shielded. This prevents electromagnetic interference (EMI) from affecting nearby components on the PCB. * **High Current Handling:** Despite its small size, it can handle significant current before the magnetic core reaches "saturation" (the point where inductance drops). * **Metal Alloy Core:** Usually constructed using a molded metal powder core, which provides better thermal stability and higher saturation points compared to traditional ferrite cores. --- ### 3. Common Applications This part is predominantly found in **DC-DC Converter** circuits. Its role is to smooth out voltage ripples. 1. **Buck Converters:** Reducing a higher voltage (e.g., 5V) to a lower voltage (e.g., 1.2V) for a CPU. 2. **Smartphones/Wearables:** Used in power management integrated circuits (PMICs) where space is at a premium. 3. **Portable SSDs:** Providing stable power to memory controllers. --- ### 4. Circuit Symbol and Footprint In a schematic, the LSA05013P is represented as a standard inductor: ```text L1 ----(UUU)---- 1.3 uH ``` The PCB footprint is usually a **Square SMD Pad** configuration. Ensure that the solder mask allows for heat dissipation, as power inductors can become warm during high-load operations. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between Isat and Irms for this inductor?
    • ⤷ Can I substitute a 1.5uH inductor for an LSA05013P in a power circuit?
    • ⤷ How does the 1.3mm height affect its thermal performance compared to taller inductors?