Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSJS

  • AI
    It appears you are referring to **LSIS** (formerly known as LS Industrial Systems, now rebranded as **LS ELECTRIC**). They are a leading global provider of electric power solutions and automation components. Below is a breakdown of the primary electronic and electrical parts manufactured by LS ELECTRIC, categorized by their application. --- ### 1. Power Distribution Components These parts are designed to protect electrical circuits from overloads and short circuits in industrial and residential settings. | Category | Component Name | Function | | :--- | :--- | :--- | | **Circuit Breakers** | MCCB (Molded Case Circuit Breaker) | Protects low-voltage circuits from high currents. | | **Air Breakers** | ACB (Air Circuit Breaker) | Used in main power distribution for large buildings/plants. | | **Residual Current** | RCCB / ELCB | Detects current leakage to prevent electric shocks and fires. | | **Vacuum Breakers** | VCB (Vacuum Circuit Breaker) | Used for high-voltage switching in power substations. | ### 2. Control and Automation Components These components focus on motor control and the automation of industrial machinery. * **Magnetic Contactors (MC):** Electromechanical switches used to turn motors and heavy loads on/off. * **Overload Relays (SOR):** Protects motors by cutting power if they overheat or draw too much current. * **Variable Frequency Drives (VFD/Inverters):** Used to control the speed and torque of AC motors by adjusting frequency. * **Programmable Logic Controllers (PLC):** The "brain" of a machine, used to program complex industrial processes. * **HMI (Human Machine Interface):** Touchscreen panels that allow operators to monitor and control the PLC system. ### 3. Smart Energy & Green Power LS ELECTRIC is a major player in the transition to renewable energy. * **DC Components:** Specialized breakers and contactors for Solar (PV) systems and Energy Storage Systems (ESS). * **EV Relays:** High-voltage DC relays used in Electric Vehicles to connect/disconnect the battery pack. * **Smart Meters:** Digital meters for monitoring energy consumption in smart grids. --- ### Typical Technical Specifications (Example: Metasol Series) If you are looking at specific part numbers, you will often see these specifications: ```json { "Brand": "LS ELECTRIC", "Series": "Metasol", "Product_Type": "Magnetic Contactor", "Amperage_Range": "6A to 800A", "Coil_Voltage": "24V DC, 110V AC, 220V AC", "Certifications": ["CE", "UL", "KEMA"] } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an LS MCCB and an ACB?
    • ⤷ How do I choose the correct LS Inverter for a 5HP motor?
    • ⤷ Can you explain the wiring diagram for an LS Magnetic Contactor?