Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSK376-R

  • AI
    The **LSK376-R** is an ultra-low noise, high-performance **N-Channel Junction Field Effect Transistor (JFET)** specifically designed for high-fidelity audio and precision sensor applications. It is manufactured by Linear Systems. --- ### ## Technical Specifications The "R" suffix typically refers to specific packaging or screening parameters. Below are the core technical characteristics: | Parameter | Symbol | Typical Value | Unit | | :--- | :--- | :--- | :--- | | **Drain-Source Voltage** | $V_{DS}$ | 40 | V | | **Gate-Source Breakdown Voltage** | $BV_{GSS}$ | -40 | V | | **Drain Current (IDSS Grade)** | $I_{DSS}$ | 6.0 - 12.0 | mA | | **Noise Voltage (@ 1kHz)** | $e_n$ | 1.1 | nV/√Hz | | **Input Capacitance** | $C_{iss}$ | 20 | pF | | **Forward Transfer Admittance** | $|Y_{fs}|$ | 15 - 25 | mS | --- ### ## Key Features 1. **Ultra-Low Noise:** The primary selling point is its extremely low equivalent input noise ($e_n$), making it ideal for moving-coil (MC) phono preamps and professional microphone inputs. 2. **Low Capacitance:** It maintains a low input capacitance ($C_{iss}$), which prevents high-frequency roll-off in wideband applications. 3. **High Transconductance ($g_m$):** This allows for high gain at the first stage of amplification, which effectively masks the noise of subsequent stages. 4. **Pin Compatibility:** It is often used as a high-performance replacement for the legacy **Toshiba 2SK170** or **2SK370**, which are now discontinued or hard to find in authentic form. --- ### ## Common Applications * **Audio Preamplifiers:** Used in the input stage of high-end mixers, phono stages, and guitar pedals. * **Hydrophones and Sensors:** Its low noise floor allows for the detection of extremely weak signals in underwater or seismic sensors. * **Instrumentation:** Employed in precision measurement tools where signal integrity is paramount. * **Medical Electronics:** Used in diagnostic equipment that requires low-noise signal processing. --- ### ## Comparison: LSK389 vs LSK376 While the LSK376 is a single JFET, it is often compared to its "dual" counterpart: | Feature | LSK376 (Single) | LSK389 (Dual) | | :--- | :--- | :--- | | **Configuration** | Single JFET | Two Matched JFETs | | **Primary Use** | Single-ended inputs | Differential/Balanced inputs | | **Thermal Tracking** | N/A | Excellent (monolithic) |
    ✨ Follow-up Questions
    • ⤷ What are the differences between the IDSS grades (e.g.
    • ⤷ A
    • ⤷ B
    • ⤷ C) for this JFET?
    • ⤷ How does the LSK376 compare to the classic Toshiba 2SK170?
    • ⤷ What is the recommended biasing circuit for the LSK376 in an audio preamp?