Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSK382-RU

  • AI
    ## Overview of the LSK389 (LSK389-RU) The **LSK389** (often referred to in series including the RU package) is a high-performance, monolithic dual **N-Channel JFET** (Junction Field Effect Transistor). It is manufactured by Linear Systems and is specifically designed for ultra-low-noise applications in high-end audio and precision instrumentation. ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Transistor Type** | N-Channel JFET (Dual) | | **Noise Voltage ($e_n$)** | 1.3 nV/√Hz @ 1 kHz (Typical) | | **Input Capacitance ($C_{iss}$)** | 25 pF | | **Gate-Source Cutoff Voltage ($V_{GS(off)}$)** | -0.5V to -3.0V | | **Forward Transfer Admittance ($|Y_{fs}|$)** | 20 mS (Typical) | | **Package Style** | SOIC-8 (RU denotes Surface Mount) | --- ### Internal Structure and Features 1. **Monolithic Dual Construction**: Unlike discrete pairs, these two JFETs are fabricated on the same silicon die. This ensures **thermal tracking**, meaning both transistors react identically to temperature changes, maintaining a stable differential pair. 2. **Ultra-Low Noise**: The LSK389 is famous for its extremely low 1/f noise and wideband noise performance. This makes it a primary choice for moving-coil (MC) phono preamps and professional microphone preamplifiers. 3. **Tight Matching**: The manufacturing process ensures that the $I_{DSS}$ (Drain Saturation Current) and $V_{GS}$ of the two internal JFETs are closely matched, reducing offset errors in differential amplifier circuits. ### Common Applications * **Audio Preamplifiers**: Low-noise front ends for microphones and instruments. * **Phono Stages**: High-gain circuits for vinyl playback. * **Hydrophones**: Sensitive underwater acoustic sensors. * **Differential Amplifiers**: Used as the input stage for high-fidelity Op-Amps. --- ### Comparison with Industry Standards The LSK389-RU was designed as a direct functional replacement and upgrade for the discontinued Toshiba **2SK389**. It offers comparable or superior noise performance and reliability in a modern surface-mount package.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the LSK389-RU (SOIC) and TO-71 package versions?
    • ⤷ How does the LSK389 compare to the LSK170 in terms of performance?
    • ⤷ Can you provide a basic circuit diagram for a differential pair using the LSK389?