Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMH-2012-R10K-B

  • AI
    The **LSMH-2012-R10K-B** is a surface-mount (SMD) **Wire-Wound Chip Inductor**. It is part of a series designed for high-frequency circuits and power management where small size and high reliability are required. Below is a detailed breakdown of its electronic characteristics and nomenclature. --- ## 1. Specifications and Key Parameters The part number encodes several critical electrical and physical properties: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.10 µH (100 nH) | "R10" indicates the decimal point: R10 = 0.10. | | **Tolerance** | ±10% | "K" denotes the tolerance grade. | | **Package Size** | 2012 (Metric) / 0805 (Imperial) | Dimensions are approx. 2.0 x 1.25 mm. | | **Construction** | Wire-Wound | Provides higher Q-factors and higher current ratings. | | **Core Material** | Ferrite or Ceramic | Typically ferrite for higher inductance/current density. | --- ## 2. Part Number Breakdown Understanding the alphanumeric code helps in identifying the component's role in a circuit: 1. **LSMH**: Series prefix (Low-profile/Standard Multilayer or High-frequency Wire-wound Inductor). 2. **2012**: Dimensions (Length 2.0mm, Width 1.25mm). 3. **R10**: Inductance value (R = decimal point; 10 = 10; thus 0.10 µH). 4. **K**: Tolerance code (K = ±10%, J = ±5%, M = ±20%). 5. **B**: Packaging code (Often refers to Bulk or a specific reel type). --- ## 3. Typical Electrical Performance While exact values vary by manufacturer (such as ABC Taiwan or various Chinese manufacturers), a 2012-sized R10K inductor generally follows these ranges: * **Rated Current (Idc):** Usually between **400mA to 800mA**, depending on the wire gauge used. * **DC Resistance (DCR):** Low resistance, typically in the range of **0.15Ω to 0.40Ω**. * **Self-Resonant Frequency (SRF):** Very high, often exceeding **400 MHz to 600 MHz**, making it suitable for RF applications. --- ## 4. Common Applications Due to its wire-wound construction and specific inductance value, this component is frequently used in: * **DC-DC Converters:** For voltage regulation in mobile devices. * **RF Matching Circuits:** Used in smartphones, Bluetooth modules, and WLAN cards. * **EMI Suppression:** Filtering high-frequency noise from signal lines. * **Power Supplies:** Small-scale power circuits where space is limited but current requirements are moderate. --- ## 5. Comparison: Wire-Wound vs. Multilayer | Feature | Wire-Wound (LSMH) | Multilayer | | :--- | :--- | :--- | | **Q-Factor** | Higher (Better efficiency) | Lower | | **Current Capacity** | Higher | Lower | | **DCR** | Lower | Higher | | **Cost** | Slightly Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the difference between R10 and 100 codes in inductor marking?
    • ⤷ How does the 'K' tolerance affect circuit performance in RF applications?
    • ⤷ What are the soldering profile requirements for a 2012 SMD package?