Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMH-2012-R18K-T

  • AI
    The **LSMH-2012-R18K-T** is a surface-mount electronic component, specifically a **Molded Power Inductor**. This part is commonly used in high-frequency power circuits due to its compact size and high current-handling capabilities. --- ### 1. Part Number Breakdown The nomenclature typically follows a standardized system used by manufacturers like Taiyo Yuden or similar inductor specialists: | Segment | Meaning | Specification | | :--- | :--- | :--- | | **LSMH** | Series Code | High-current shielded power inductor | | **2012** | Case Size | 2.0mm x 1.25mm (Metric 2012 / Imperial 0805) | | **R18** | Inductance Value | 0.18 µH (R denotes the decimal point) | | **K** | Tolerance | ±10% | | **-T** | Packaging | Taping (Tape & Reel) | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the typical performance profile for a **2012-size 0.18µH** inductor is as follows: * **Inductance:** 0.18 µH * **DC Resistance (DCR):** Extremely low (typically < 30mΩ) to minimize power loss. * **Rated Current (Isat):** Usually high for its size, often ranging from 2.0A to 4.5A (Saturation current). * **Operating Temperature:** Typically -40°C to +125°C. * **Construction:** Metal alloy powder or ferrite core with a shielded molded structure to reduce EMI (Electromagnetic Interference). --- ### 3. Key Features & Applications #### Features * **Magnetic Shielding:** The molded construction prevents magnetic flux leakage, protecting nearby sensitive components from interference. * **High Saturation:** Metal core technology allows the inductor to maintain its inductance even under high current loads. * **Low Profile:** The "2012" footprint is ideal for height-constrained designs like smartphones. #### Common Applications 1. **DC-DC Converters:** Used as an energy storage element in buck/boost converters. 2. **Mobile Devices:** Power management ICs (PMIC) for smartphones, tablets, and wearables. 3. **Laptops:** Voltage Regulator Modules (VRM) for CPUs and GPUs. 4. **HDD/SSD:** Power rails for high-speed storage drives. --- ### 4. Comparison with Standard Inductors ```markdown Comparison: Molded (LSMH) vs. Traditional Wire-wound | Feature | Molded (LSMH-2012) | Standard Wire-wound | | :--- | :--- | :--- | | EMI Leakage | Very Low (Shielded) | Moderate to High | | Saturation (Isat)| Soft Saturation | Abrupt Saturation | | Durability | High (Solid block) | Lower (Exposed wire) | | Cost | Slightly Higher | Lower | ```
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the LSMH-2012-R18K-T?
    • ⤷ How does 'soft saturation' in metal inductors benefit power supply stability?
    • ⤷ What is the maximum reflow soldering temperature for this specific component?