Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSML-201209-R10K-T

  • AI
    The **LSML-201209-R10K-T** is a surface-mount (SMD) multilayer chip inductor. It is widely used in high-frequency circuits for noise suppression and signal filtering. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify its physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **LSML** | Series Name | Multilayer Ferrite Chip Inductor (Low Profile/Standard) | | **201209** | Dimensions | 2.0mm (L) x 1.25mm (W) x 0.9mm (T) — **EIA 0805** size | | **R10** | Inductance Value | **0.10 µH** (R denotes decimal point) | | **K** | Tolerance | **±10%** | | **T** | Packaging | Tape & Reel | --- ### 2. Key Electrical Specifications Based on the standard parameters for the LSML 0805 series: * **Inductance:** 0.10 µH (100 nH) * **Test Frequency:** Typically 25 MHz * **Self-Resonant Frequency (SRF):** High (usually above 250-300 MHz) * **DC Resistance (DCR):** Low (typically < 0.20 Ω) to minimize power loss. * **Rated Current:** Usually ranges between 200mA to 400mA (depending on temperature rise). --- ### 3. Construction and Material * **Multilayer Technology:** Unlike wire-wound inductors, this is constructed by layering ferrite paste and conductive internal electrodes (usually Silver). This results in a monolithic, magnetically shielded structure. * **Magnetic Shielding:** The closed magnetic circuit minimizes crosstalk and electromagnetic interference (EMI) with surrounding components. * **Termination:** Typically tin-plated (Sn) over nickel (Ni) for excellent solderability and heat resistance. --- ### 4. Typical Applications This component is commonly found in: 1. **Mobile Electronics:** Smartphones and tablets for power line filtering. 2. **Communication Modules:** Bluetooth, Wi-Fi, and RF circuits. 3. **Computer Peripherals:** Used in Motherboards and SSDs to suppress high-frequency noise. 4. **General DC/DC Converters:** For low-power smoothing and decoupling. --- ### 5. Mechanical Specifications (EIA 0805) | Dimension | Metric (mm) | Imperial (inches) | | :--- | :--- | :--- | | **Length (L)** | 2.00 ± 0.20 | 0.079 ± 0.008 | | **Width (W)** | 1.25 ± 0.20 | 0.049 ± 0.008 | | **Thickness (T)** | 0.90 ± 0.20 | 0.035 ± 0.008 |
    ✨ Follow-up Questions
    • ⤷ What is the difference between a multilayer ferrite inductor and a wire-wound inductor?
    • ⤷ How does the 'R10' inductance value compare to '100' or '1R0' in SMD coding?
    • ⤷ What are the recommended soldering temperature profiles for this 0805 component?