Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSML-201209-R18K-T

  • AI
    The **LSML-201209-R18K-T** is a surface-mount (SMD) multilayer chip inductor. It is commonly used in high-frequency circuits for signal conditioning and noise suppression. Below is a breakdown of its technical specifications and part number nomenclature. ### 1. Technical Specifications | Parameter | Value | | :--- | :--- | | **Inductance** | 0.18 µH (180 nH) | | **Tolerance** | ±10% (K) | | **Package / Case** | 0805 (Metric 2012) | | **Dimensions (L x W x T)** | 2.0mm x 1.25mm x 0.9mm | | **Material** | Ferrite / Multilayer | | **DC Resistance (DCR)** | ~0.40 - 0.50 Ω (Typical) | | **Self-Resonant Frequency (SRF)** | ~220 MHz | | **Rated Current** | ~300 mA | --- ### 2. Part Number Breakdown Understanding the alphanumeric code helps identify the component's physical and electrical characteristics: * **LSML**: Series Prefix (Standard Multilayer Inductor). * **201209**: Physical dimensions (2.0mm length x 1.2mm width x 0.9mm thickness). * **R18**: Inductance value. The "R" acts as a decimal point ($R18 = 0.18 \mu H$). * **K**: Tolerance code ($K = \pm 10\%$). * **T**: Packaging style ($T = \text{Tape \& Reel}$). --- ### 3. Key Features and Applications #### Features * **Magnetic Shielding**: The multilayer ferrite structure provides a closed magnetic circuit, minimizing EMI (Electromagnetic Interference) and crosstalk with neighboring components. * **High Reliability**: No leads to break; excellent solderability and heat resistance for reflow soldering. * **Miniature Size**: The 0805 footprint is ideal for high-density PCB designs. #### Common Applications 1. **Mobile Electronics**: Smartphones, tablets, and wearables. 2. **Communication**: Bluetooth modules, Wi-Fi routers, and RF circuits. 3. **Computing**: Motherboards and peripheral high-speed signal lines. 4. **Power Management**: Decoupling and filtering in low-power DC-DC converters. --- ### 4. Comparison with Wire-wound Inductors | Feature | Multilayer (LSML) | Wire-wound | | :--- | :--- | :--- | | **Size** | Smaller, lower profile | Generally larger | | **Cost** | Cost-effective | More expensive | | **Q-Factor** | Moderate | High | | **Current Handling** | Lower | Higher |
    ✨ Follow-up Questions
    • ⤷ What is the difference between an R18K and an R18J tolerance rating?
    • ⤷ Can this inductor be used for high-power LED drivers?
    • ⤷ What are the recommended soldering temperature profiles for this 0805 component?