Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-145G1-R

  • AI
    The **LSMT2-145G1-R** is a high-performance, low-profile Surface Mount Technology (SMT) tactile switch. These components are commonly used in consumer electronics, medical devices, and industrial controls where space is limited but high reliability is required. --- ### 1. General Specifications Below are the primary technical parameters for the LSMT2-145G1-R: | Parameter | Specification | |:---|:---| | **Manufacturer** | Often associated with brands like Link-PP or similar switch specialists | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Actuation Force** | Typically 160gf to 240gf (depending on specific sub-series) | | **Switch Type** | Momentary (Normally Open) | | **Operating Life** | 100,000 to 500,000 cycles | | **Contact Rating** | 50mA @ 12V DC | | **Operating Temperature** | -25°C to +70°C | --- ### 2. Physical Construction The part is designed with a "Gull-wing" lead configuration for SMT soldering. Its architecture consists of: * **Base/Housing:** High-temperature thermoplastic (LCP or Nylon) capable of withstanding reflow soldering temperatures. * **Contact Dome:** A stainless steel or phosphor bronze dome that provides the "click" tactile feedback and completes the circuit. * **Actuator:** A small stem (plunger) that the user presses; in the "145" series, this is usually a low-profile height. * **Terminals:** Silver-plated brass for high conductivity and oxidation resistance. --- ### 3. Application Use-Cases Due to its small footprint and tactile feedback, it is ideal for: 1. **Wearables:** Smartwatches and fitness trackers. 2. **Portable Electronics:** Reset buttons on routers or power buttons on smartphones. 3. **Human-Machine Interfaces (HMI):** Control panels for appliances. ### 4. Typical Footprint (Example Layout) The PCB footprint usually requires four pads (two for the switch signal and two for mechanical stability/grounding). ```c // Example Pad Layout Concept [PAD 1] ---- [PAD 2] | | | SW BODY | | | [PAD 3] ---- [PAD 4] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact height of the actuator for the 145G1 variant?
    • ⤷ What is the recommended reflow soldering profile for this switch?
    • ⤷ Are there waterproof (IP67) versions of the LSMT series available?