Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-1A540-R

  • AI
    The **LSMT2-1A540-R** is a high-performance **Micro-Solenoid Valve** manufactured by **The Lee Company**. It is specifically designed for high-precision fluid control in space-constrained applications. --- ## 1. Core Technical Specifications The following table highlights the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | 2-Port, Normally Closed (NC) | | **Operating Voltage** | 5.0 VDC | | **Power Consumption** | ~540 mW (at rated voltage) | | **Coil Resistance** | 46.5 Ohms (±10%) | | **Leakage Rate** | < 50 µL/min (Air) | | **Response Time** | < 5 ms (Typically) | | **Weight** | ~0.16 grams | --- ## 2. Key Electronic Features ### A. Low Power Consumption The "540" in the part number indicates the nominal power rating of **540 milliwatts**. This makes it suitable for battery-operated portable devices where energy efficiency is critical. ### B. High-Speed Actuation Due to the low mass of the internal plunger and optimized coil design, the valve can cycle extremely fast. This allows for precise "slug" dispensing or Pulse Width Modulation (PWM) control in specific applications. ### C. Surface Mount Technology (SMT) Unlike traditional solenoids with wires or pins, the **LSMT** series is designed for surface mounting directly onto a manifold or PCB. This reduces assembly labor and minimizes the overall footprint. --- ## 3. Implementation and Driving Circuitry To drive this solenoid electronically, a simple switching circuit is required. Because it is an inductive load, a flyback diode is essential to protect the driving transistor. ```python # Example logic for a MCU driving a solenoid via MOSFET # Pin High -> MOSFET On -> Current flows through LSMT2-1A540-R # Pin Low -> MOSFET Off -> Valve Closes def toggle_valve(state): if state == "OPEN": GPIO.write(VALVE_PIN, HIGH) print("Valve Actuated (540mW consumption)") else: GPIO.write(VALVE_PIN, LOW) print("Valve Closed") ``` ### Critical Design Notes: 1. **Heat Dissipation:** While 540mW is low, continuous operation (100% duty cycle) in a sealed enclosure may require thermal management. 2. **Spike Protection:** Always use a **Schottly diode** in parallel with the coil to suppress the inductive kickback when the valve is turned off. 3. **Voltage Stability:** Ensure the 5V supply can handle the instantaneous current draw (~108mA) to prevent logic brownouts. --- ## 4. Common Applications * **Medical Diagnostics:** Point-of-care testing (POCT) devices. * **Pneumatic Control:** Small-scale robotic grippers or air logic. * **Inkjet Printing:** Precision fluid shut-off. * **Environmental Sensors:** Precise air sampling for gas detectors.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure rating for the LSMT2-1A540-R?
    • ⤷ Are there latching versions of this solenoid available?
    • ⤷ What is the expected cycle life of this specific component?