Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-1A550-R

  • AI
    ### LSMT2-1A550-R: Product Overview and Technical Specifications The **LSMT2-1A550-R** is a specialized surface-mount (SMT) magnetic transducer, typically categorized as an electromagnetic buzzer or audio indicator. These components are designed to convert electrical signals into audible sound through magnetic actuation. --- ### 1. Key Technical Specifications The following table outlines the typical electrical and mechanical characteristics of this series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Rated Voltage** | 1.5 | Vp-p | | **Operating Voltage Range** | 1.0 ~ 2.0 | Vp-p | | **Rated Current (Max)** | 80 | mA | | **Sound Pressure Level (SPL)** | 85 (at 10cm) | dB | | **Resonant Frequency** | 2730 | Hz | | **Coil Resistance** | 5.5 ± 1 | Ω | | **Operating Temperature** | -40 ~ +85 | °C | | **Mounting Type** | Surface Mount (SMT) | - | --- ### 2. Functional Principle The **LSMT2-1A550-R** operates on the **Electromagnetic Induction** principle: 1. **Coil & Magnet:** It contains a wire coil wrapped around a permanent magnet. 2. **Diaphragm:** A flexible metal disk (diaphragm) sits above the magnet. 3. **Actuation:** When an oscillating electrical signal passes through the coil, it creates a fluctuating magnetic field. 4. **Sound Generation:** This field interacts with the diaphragm, causing it to vibrate at the frequency of the input signal, thus producing sound. --- ### 3. Application Circuits Since this is a transducer (not a self-driven indicator), it requires an external driving circuit to generate a square wave at the resonant frequency. #### Example Driving Circuit (Transistor Switch): ```cpp // Logic for driving the buzzer (Microcontroller approach) void setup() { pinMode(BUZZER_PIN, OUTPUT); } void loop() { // Generate a square wave at 2730Hz tone(BUZZER_PIN, 2730); delay(500); noTone(BUZZER_PIN); delay(500); } ``` --- ### 4. Implementation Considerations * **Polarity:** Ensure the polarity marks on the PCB match the component, as incorrect orientation can lead to reduced sound output or damage. * **Reflow Soldering:** As an SMT part, it is designed to withstand standard lead-free reflow profiles. However, check if it has a "washable" tab (sticker) to prevent fluids from entering during board cleaning. * **Back EMF Protection:** When driven by a transistor, it is recommended to place a flyback diode (e.g., 1N4148) in parallel with the transducer to protect the driver from voltage spikes.
    ✨ Follow-up Questions
    • ⤷ What are the differences between a magnetic transducer and a piezo buzzer?
    • ⤷ How do I calculate the power consumption for this part in a battery-operated device?
    • ⤷ Does this component require a specific PWM duty cycle for optimal sound?