Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-20041-R

  • AI
    The **LSMT2-20041-R** is a high-performance **Surface Mount (SMT) Low-Pass Filter** typically designed for RF (Radio Frequency) and microwave applications. These components are primarily used to suppress harmonic signals and reduce interference in communication systems. --- ## 1. Technical Specifications Below are the typical electronic characteristics for this series of components: | Parameter | Specification (Typical) | | :--- | :--- | | **Component Type** | SMT Low Pass Filter (LPF) | | **Passband Frequency** | DC to 2000 MHz (2.0 GHz) | | **Cut-off Frequency** | ~2040 MHz | | **Insertion Loss** | < 1.5 dB (within passband) | | **Rejection Band** | > 20 dB at 2x Cut-off | | **Impedance** | 50 Ohms | | **Power Handling** | ~1 to 2 Watts (CW) | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ## 2. Key Electronic Features ### Harmonic Suppression The primary electronic function of the LSMT2-20041-R is to allow signals below the cut-off frequency to pass with minimal loss while significantly attenuating higher frequency harmonics. This is critical in transmitter stages to ensure compliance with emission standards. ### Impedance Matching The device is designed with a **50Ω characteristic impedance**. This ensures that when placed in an RF signal chain, it minimizes signal reflections (Return Loss), which prevents damage to power amplifiers and maintains signal integrity. ### Construction * **LTCC Technology:** Most parts in this category utilize Low-Temperature Co-fired Ceramic (LTCC) technology, allowing for a multi-layered miniature design with high thermal stability. * **Operating Temperature:** Generally rated for **-40°C to +85°C**, making it suitable for industrial and outdoor telecommunications equipment. --- ## 3. Typical Applications * **Wireless Infrastructure:** Base stations and repeaters. * **IoT Devices:** Filtering noise in Zigbee, Bluetooth, or Wi-Fi sub-bands. * **Test Equipment:** Protecting sensitive measurement inputs from high-frequency noise. * **Satellite Communications:** Intermediate Frequency (IF) filtering. --- ## 4. Simplified Connection Diagram In a standard PCB layout, the part functions as a 3-port or 4-port device (Input, Output, and Ground). ```text [ RF IN ] ----( LPF: LSMT2-20041-R )---- [ RF OUT ] | [ GND ] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the exact package size (footprint) for the LSMT2-20041-R?
    • ⤷ How does the insertion loss vary as the frequency approaches the 2040 MHz cut-off?
    • ⤷ Can this filter be used in a 75-ohm system with matching circuits?