Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-21550-R

  • AI
    ## Overview of the LSMT2-21550-R The **LSMT2-21550-R** is a high-performance, surface-mount (SMD) **Micro-Speaker** designed for compact electronic devices. It is frequently utilized in applications requiring high-quality audio output within a minimal footprint. --- ### Technical Specifications The following table outlines the primary electrical and physical characteristics of the component: | Feature | Specification | | :--- | :--- | | **Type** | Micro Speaker (Dynamic) | | **Dimensions** | 15mm x 11mm (approx.) | | **Impedance** | 8 $\Omega$ (Typical) | | **Power Rating** | 0.5W (Rated) / 0.8W (Max) | | **Sound Pressure Level (SPL)** | ~90 dB @ 0.1W / 0.1m | | **Resonant Frequency (Fo)** | ~550 Hz | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Compliant** | Yes | --- ### Key Electronic Components & Materials The internal construction of the LSMT2-21550-R involves several critical parts that facilitate the conversion of electrical signals into sound: 1. **Voice Coil:** A precision-wound copper wire that reacts to the magnetic field when an alternating current (audio signal) passes through it. 2. **Permanent Magnet:** Usually a high-energy **Neodymium (NdFeB)** magnet, which provides the static magnetic field necessary for coil movement. 3. **Diaphragm:** A thin membrane (often PEEK or PET plastic) attached to the voice coil. Its vibration pushes the air to create sound waves. 4. **SMT Terminals:** Gold-plated solder pads located on the bottom of the housing, designed for automated pick-and-place assembly on a PCB. 5. **Housing/Frame:** A heat-resistant plastic (such as LCP) capable of withstanding the high temperatures of reflow soldering. --- ### Application Usage Due to its low profile and SMT design, this part is commonly found in: * **IoT Devices:** Smart sensors and hubs. * **Handheld Portables:** Scanners, GPS units, and medical monitors. * **Security Systems:** Panel alerts and intercoms. * **Consumer Electronics:** Wearables and compact tablets. --- ### Wiring and Integration To drive this speaker effectively, it is typically connected to a Class-D or Class-AB audio amplifier. ```c // Example pseudo-code for driving a beep on a microcontroller void play_alert(int frequency, int duration_ms) { pwm_set_frequency(frequency); // Set frequency to match resonant Fo (550Hz) pwm_start(); delay(duration_ms); pwm_stop(); } ```
    ✨ Follow-up Questions
    • ⤷What is the maximum reflow soldering temperature for this SMT speaker?
    • ⤷ How does the resonant frequency affect the audio quality in small enclosures?
    • ⤷ Can this speaker be used with a 5V Class-D amplifier?