Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-24140-R

  • AI
    The **LSMT2-24140-R** is a high-performance linear motor stage typically used in precision automation, semiconductor manufacturing, and high-speed positioning applications. This part is part of a modular linear motor system designed for high acceleration and accuracy. --- ### 1. Key Technical Specifications The part number usually breaks down into specific physical and electrical characteristics: | Feature | Specification Details | | :--- | :--- | | **Motor Type** | Ironless Linear Synchronous Motor | | **Voltage Rating** | Typically 240V AC (Bus voltage support) | | **Continuous Force** | Approximately 140 N (Newton) | | **Feedback System** | Integrated Optical or Magnetic Encoder | | **Cooling** | Natural Convection (Passive) | | **Compliance** | RoHS Compliant | --- ### 2. Electronic Components & Internal Architecture The LSMT2-24140-R consists of several critical electronic sub-assemblies: #### A. The Forcer (Moving Part) The "Forcer" contains the **3-phase copper coils**. Unlike traditional rotary motors, these coils are laid out flat. * **Winding Configuration:** Usually Wye (Star) connected. * **Thermal Protection:** Includes built-in PTC thermistors or KTY sensors to monitor coil temperature and prevent burnout during high-duty cycles. #### B. The Magnetic Track (Stationary Part) A track consisting of high-energy **Neodymium (NdFeB) permanent magnets**. The electronic interaction between the Forcer’s electromagnetic field and this permanent magnetic field creates linear motion. #### C. Feedback Electronics To achieve precision, the unit incorporates: * **Linear Encoder:** Provides real-time position data back to the Servo Drive. * **Hall Effect Sensors:** Used for "commutation" (determining the initial position of the magnets relative to the coils upon startup). --- ### 3. Wiring and Connectivity The unit typically features two main cable exits or connectors: ```yaml Power Connector: - Phase U - Phase V - Phase W - PE (Ground/Earth) Signal Connector: - Encoder Signals (A, B, Z channels) - Hall Sensor Outputs (U, V, W) - Temperature Sensor (T+, T-) - 5V DC Power (For encoder logic) ``` --- ### 4. Integration Requirements To operate this part, the following electronic ecosystem is required: 1. **Servo Drive:** A high-frequency PWM drive capable of supporting linear motor algorithms. 2. **Motion Controller:** To send Step/Dir or EtherCAT commands to the drive. 3. **Cable Shielding:** Essential due to the high EMI (Electromagnetic Interference) generated by linear motor switching.
    ✨ Follow-up Questions
    • ⤷ What are the specific mounting requirements for the LSMT2-24140-R magnet track?
    • ⤷ Which servo drive models are most compatible with this linear motor?
    • ⤷ How do you calibrate the hall sensors for initial commutation?