Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-24541-R

  • AI
    The **LSMT2-24541-R** is an electronic component typically categorized as a **Surface Mount (SMT) Magnetic Buzzer** or transducer. These devices are designed to convert electrical signals into audible sound through electromagnetic induction. --- ### ## Technical Specifications Below is a summary of the typical technical parameters for this specific part series: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Rated Voltage** | 3.6 - 5.0 | Vp-p | | **Operating Voltage** | 2.5 ~ 4.5 | Vp-p | | **Rated Current** | Max 100 | mA | | **Sound Pressure Level (SPL)** | Min 85 (at 10cm) | dB | | **Resonant Frequency** | 2,730 | Hz | | **Operating Temperature** | -40 ~ +85 | °C | | **Mounting Type** | Surface Mount (SMT) | - | --- ### ### Internal Construction and Working Principle The LSMT2-24541-R operates on the principle of **Electromagnetism**: 1. **Coil and Magnet:** Inside the plastic housing is a wire coil wound around a core and a permanent magnet. 2. **Diaphragm:** A flexible metal vibration disk (diaphragm) is suspended above the coil. 3. **Operation:** When an oscillating electrical signal (Square Wave) is applied, the coil creates a fluctuating magnetic field. This field interacts with the permanent magnet, causing the diaphragm to vibrate at the frequency of the signal, thus producing sound. ### ### Key Features * **Small Footprint:** Designed for high-density PCB layouts where space is a premium. * **Side-Firing/Top-Firing:** Depending on the specific suffix, these parts often allow sound to exit from the side to accommodate slim device profiles. * **Reflow Solder Compatible:** Built with heat-resistant plastics (like LCP) to withstand industrial SMT soldering processes. --- ### ### Typical Circuit Implementation Because this is a **transducer** (not a self-driven indicator), it requires an external oscillating circuit. Below is a basic example of how to drive it using a transistor and a microcontroller (MCU): ```cpp // Example: Driving a Buzzer with Arduino/C++ int buzzerPin = 9; // PWM pin void setup() { pinMode(buzzerPin, OUTPUT); } void loop() { tone(buzzerPin, 2730); // Generate frequency at the resonant point delay(500); // Sound for 500ms noTone(buzzerPin); // Silence delay(1000); // Wait for 1s } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between an active buzzer and a passive transducer like the LSMT2-24541-R?
    • ⤷ Can this component be washed after the reflow soldering process?
    • ⤷ What are the recommended footprint dimensions for PCB layout?