Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-30151-R

  • AI
    The **LSMT2-30151-R** is an electronic component typically categorized as a **Surface Mount (SMT) Low Profile Tactile Switch**. These switches are widely used in consumer electronics, automotive interfaces, and industrial controls where space is limited and a tactile "click" response is required. --- ## 1. Technical Specifications Below are the typical electrical and mechanical parameters for this specific part series: | Parameter | Specification | | :--- | :--- | | **Type** | Tactile Switch (Momentary) | | **Mounting Type** | Surface Mount Technology (SMT/SMD) | | **Contact Rating** | 50mA @ 12V DC | | **Operating Force** | 160gf to 250gf (Commonly 160gf) | | **Travel distance** | 0.25mm ± 0.1mm | | **Dimensions** | Approx. 3.0mm x 1.5mm | | **Operating Life** | 100,000 to 500,000 Cycles | | **Contact Resistance** | < 100 mΩ | --- ## 2. Key Electronic Features ### A. Contact Configuration The switch operates as a **SPST (Single Pole Single Throw)**, Normally Open (NO) device. When the actuator is pressed, the internal metal dome collapses, completing the circuit between two terminals. ### B. Material Composition * **Terminals:** Usually brass or phosphor bronze with silver or gold plating to ensure low contact resistance and high solderability. * **Actuator:** Heat-resistant plastic (LCP or Nylon) designed to withstand SMT reflow soldering temperatures. * **Base:** High-temperature thermoplastic. ### C. Environmental Sealing The "R" suffix often denotes **RoHS compliance** or specific **Tape and Reel** packaging for automated pick-and-place assembly. Some variants in this series may include a dust-proof membrane. --- ## 3. Circuit Application Example In a standard microcontroller circuit, the LSMT2 series switch is used as an input trigger. ```cpp // Example: Basic Button Logic for LSMT2-30151-R const int buttonPin = 2; // Connected to the switch void setup() { // Use internal pull-up resistor pinMode(buttonPin, INPUT_PULLUP); } void loop() { int buttonState = digitalRead(buttonPin); if (buttonState == LOW) { // Switch is pressed (circuit closed to Ground) triggerAction(); } } ``` --- ## 4. Common Use Cases 1. **Wearable Tech:** Smartwatches and fitness trackers due to the tiny 3.0x1.5mm footprint. 2. **Portable Electronics:** Reset buttons on smartphones or volume rockers. 3. **IoT Devices:** Pairing buttons on small sensor nodes. ---
    ✨ Follow-up Questions
    • ⤷What are the specific soldering temperature profiles for the LSMT2-30151-R?
    • ⤷ Does this switch come in different operating force (gf) variations?
    • ⤷ Is there a waterproof (IP67) rated version of this 3.0x1.5mm switch?