Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-30540-R

  • AI
    The **LSMT2-30540-R** is an ultra-miniature, surface-mount (SMD) magnetic transducer, typically used as an audible signaling device (buzzer) in compact electronic devices. It is manufactured by companies like **JL World** or similar acoustic component specialists. ### 1. Technical Specifications Below are the typical electrical and physical characteristics for this component: | Parameter | Value / Specification | | :--- | :--- | | **Type** | Magnetic Transducer (External Drive) | | **Rated Voltage** | 3.0 Vp-p | | **Operating Voltage** | 2.0 ~ 5.0 Vp-p | | **Rated Current** | Max 90 mA | | **Sound Pressure Level (SPL)** | Min 85 dB (at 10cm) | | **Resonant Frequency** | 2730 Hz | | **Coil Resistance** | 15 ± 3 Ω | | **Operating Temperature** | -30°C to +70°C | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Internal Components To understand how the LSMT2-30540-R functions, it is helpful to look at its internal electronic structure: 1. **Magnetic Coil:** A fine copper wire winding that creates an electromagnetic field when an alternating current passes through it. 2. **Permanent Magnet:** Provides a static magnetic field that interacts with the coil's field. 3. **Vibrating Diaphragm:** A thin metal plate (usually iron or a magnetic alloy) that is pulled and released by the magnetic fluctuations, creating sound waves. 4. **Housing (LCP/Plastic):** High-temperature resistant plastic (Liquid Crystal Polymer) designed to withstand lead-free reflow soldering processes. --- ### 3. Circuit Integration Unlike an "indicator" (which has internal circuitry), the **LSMT2-30540-R is a transducer**. This means it requires an external oscillating signal to produce sound. #### Typical Driving Circuit You cannot simply connect this to a DC battery; you must use a transistor or a MOSFET driven by a PWM signal from a microcontroller (MCU). ```c // Example Pseudocode for driving the buzzer void playTone(int frequency, int duration) { // Generate a square wave at the Resonant Frequency (2730 Hz) // 50% Duty Cycle is optimal for volume and efficiency pwm_start(2730); delay(duration); pwm_stop(); } ``` --- ### 4. Application Considerations * **Polarity:** These devices are usually polarized. Ensure the "+" mark on the casing matches the positive side of your drive circuit. * **Reflow Soldering:** Because it is an SMD component, it is designed for automated assembly. Ensure the "washable" tab (if present) is removed only after the PCB cleaning process to prevent fluid from entering the acoustic chamber. * **Back EMF Protection:** When driving with a transistor, it is recommended to place a **flyback diode** in parallel with the buzzer to protect the switching transistor from voltage spikes generated by the coil.
    ✨ Follow-up Questions
    • ⤷ What is the difference between a transducer like this and an internal-drive indicator?
    • ⤷ How do I calculate the flyback diode requirements for this specific part?
    • ⤷ Can this buzzer be used to play polyphonic melodies?