Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-32160-R

  • AI
    The **LSMT2-32160-R** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It is designed to handle high current loads while maintaining a small physical footprint. --- ### 1. Technical Specifications The part number typically breaks down into its physical dimensions and performance characteristics. | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 1.0 µH to 10 µH (Series dependent) | | **Package Size** | 3216 (3.2mm x 1.6mm) | | **Mounting Type** | Surface Mount Device (SMD/SMT) | | **Operating Temperature** | -40°C to +125°C | | **Core Material** | Metal Alloy / Ferrite | | **Shielding** | Magnetically Shielded | --- ### 2. Key Features * **High Current Handling:** Due to the metal alloy core construction, these inductors offer high saturation currents ($I_{sat}$), meaning they don't lose inductance easily under heavy loads. * **Low DCR (DC Resistance):** Designed with thick copper windings to minimize power loss and heat generation. * **Compact 3216 Footprint:** The "3216" indicates the metric size (3.2mm length by 1.6mm width), equivalent to the **1206 imperial size**. * **Magnetic Shielding:** The closed magnetic path reduces Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. --- ### 3. Application Use Cases Inductors like the LSMT2-32160-R are vital components in modern power management systems: 1. **Buck/Boost Converters:** Used for energy storage and smoothing in voltage regulators for smartphones and tablets. 2. **Laptops and Peripherals:** Provides stable power to CPUs and GPUs where space is limited. 3. **IoT Devices:** Ideal for battery-powered sensors that require efficient power conversion to extend battery life. 4. **LED Drivers:** Used to regulate current in lighting applications. --- ### 4. Identification & Marking * **"LSMT":** Manufacturer's series code (often signifying Low-profile, Shielded, Metal Type). * **"3216":** The physical dimensions (3.2mm x 1.6mm). * **"R":** Usually indicates the packaging format (Tape and Reel) or a specific tolerance/revision.
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for the 1.0uH version of this inductor?
    • ⤷ How does a metal alloy core compare to a standard ferrite core in SMD inductors?
    • ⤷ What are the recommended soldering profile settings for the 3216 package?