Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-41541-R

  • AI
    The **LSMT2-41541-R** is a high-performance, surface-mount (SMD) MEMS (Micro-Electro-Mechanical Systems) microphone. It is widely used in consumer electronics for audio capture due to its compact size and acoustic performance. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and acoustic characteristics of the component: | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Type** | MEMS Microphone | - | | **Output Type** | Analog | - | | **Directionality** | Omnidirectional | - | | **Supply Voltage (Vdd)** | 1.5 to 3.6 | V | | **Signal-to-Noise Ratio (SNR)** | ~64 | dB(A) | | **Sensitivity** | -42 ± 3 | dBV/Pa | | **Current Consumption** | < 150 | µA | | **Impedance** | < 300 | Ω | --- ### 2. Physical Design & Porting * **Form Factor:** It features a low-profile, surface-mount package designed for automated pick-and-place assembly. * **Port Location:** This specific model is typically a **Bottom Port** microphone, meaning the sound entry hole is located on the underside of the PCB. This design helps in reducing overall device thickness and offers better protection against dust/moisture when mounted. * **MEMS Technology:** It utilizes a silicon diaphragm etched onto a microchip, providing high stability against temperature fluctuations and mechanical vibrations compared to traditional ECM (Electret Condenser Microphones). --- ### 3. Electronic Integration To integrate the LSMT2-41541-R into a circuit, several factors must be considered: #### Circuit Requirements * **Decoupling Capacitor:** A capacitor (typically 0.1µF) should be placed close to the Vdd pin to filter power supply noise. * **DC Blocking:** Since it is an analog output, a series capacitor (e.g., 1µF) is required on the output line to block the DC bias before the signal reaches an amplifier or ADC. * **Reflow Soldering:** As an SMD component, it is sensitive to high temperatures. It requires a specific reflow profile to avoid damaging the internal MEMS membrane. --- ### 4. Common Applications Due to its small footprint and high sensitivity, it is commonly found in: 1. **Smartphones & Tablets:** For primary voice capture or noise cancellation. 2. **Wearables:** Smartwatches and fitness trackers. 3. **IoT Devices:** Voice-activated smart home assistants. 4. **Laptops:** Integrated microphone arrays.
    ✨ Follow-up Questions
    • ⤷ What are the specific soldering temperature limits for MEMS microphones like the LSMT2-41541-R?
    • ⤷ How does a bottom-port microphone design compare to a top-port design in terms of acoustic performance?
    • ⤷ What is the recommended value for the DC blocking capacitor in an analog microphone circuit?