Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-42041-R

  • AI
    The **LSMT2-42041-R** is a high-performance, ultra-compact **MEMS (Micro-Electro-Mechanical Systems) Microphone**. These components are widely used in consumer electronics for voice capture and noise cancellation due to their small footprint and reliability. --- ### 1. Key Technical Specifications Below are the typical technical parameters for this class of MEMS microphone: | Parameter | Specification | | :--- | :--- | | **Type** | MEMS (Silicon) Microphone | | **Output Type** | Analog | | **Directionality** | Omnidirectional | | **Supply Voltage (Vdd)** | 1.5V to 3.6V | | **Sensitivity** | -42 dBV/Pa (±3dB) | | **S/N Ratio** | ~59 - 62 dB | | **Frequency Range** | 100 Hz to 10 kHz | | **Port Location** | Top Port or Bottom Port (Series dependent) | --- ### 2. Functional Components The device consists of two primary internal sections integrated into a single package: 1. **MEMS Sensor Die:** * Acts as a pressure-sensitive capacitor. * Consists of a flexible diaphragm and a rigid backplate. * When sound waves hit the diaphragm, the capacitance changes. 2. **ASIC (Application Specific Integrated Circuit):** * **Charge Pump:** Provides the bias voltage for the MEMS sensor. * **Amplifier:** Converts the high-impedance capacitive signal into a low-impedance analog voltage output. * **ESD Protection:** Protects the sensitive internal circuitry from static discharge. --- ### 3. Pin Configuration and Integration The LSMT2 series typically uses a Surface Mount Device (SMD) landing pattern with the following connections: * **VDD:** Power supply input. * **GND:** Ground connection (also acts as shielding). * **OUT:** Analog signal output (requires a DC-blocking capacitor in most circuits). ### 4. Application Use Cases * **Mobile Devices:** Smartphones and tablets for clear voice calls. * **Wearables:** Smartwatches and fitness trackers. * **IoT Devices:** Voice-activated smart home assistants. * **True Wireless Stereo (TWS):** Used in earbuds for ANC (Active Noise Cancellation). --- ### 5. Assembly Precautions | Consideration | Action | | :--- | :--- | | **Reflow Soldering** | Must follow specific temperature profiles to avoid damaging the MEMS membrane. | | **Acoustic Hole** | Ensure the sound port is not blocked by PCB traces or solder paste. | | **Vacuum Pickup** | Do not apply vacuum directly to the acoustic hole during SMT placement. |
    ✨ Follow-up Questions
    • ⤷ What is the difference between Top Port and Bottom Port MEMS microphones?
    • ⤷ How do I calculate the required DC-blocking capacitor for the analog output?
    • ⤷ What are the common failure modes of MEMS microphones in manufacturing?