Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-425A0-R

  • AI
    The **LSMT2-425A0-R** is a high-performance **Step Motor Driver** module, typically utilized in precision motion control applications. It belongs to a class of integrated drivers designed to bridge the gap between a micro-controller (MCU) and a physical bipolar stepper motor. --- ### 1. Key Technical Specifications The following table highlights the primary electrical and mechanical characteristics of this component: | Feature | Specification | | :--- | :--- | | **Driver Type** | Microstepping Bipolar Step Motor Driver | | **Supply Voltage (Vcc)** | Typically 12V to 42V DC | | **Output Current** | Up to 2.5A - 4.2A (Peak) | | **Microstep Resolution** | Full, 1/2, 1/4, 1/8, 1/16, up to 1/128 | | **Control Signal** | Pulse (Step), Direction (Dir), and Enable (En) | | **Protection Features** | Over-voltage, Over-current, and Over-temperature | --- ### 2. Core Electronic Components & Architecture The "parts" or functional blocks within this module generally include: #### A. Power Stage (H-Bridge) The module utilizes a dual H-bridge configuration, usually consisting of MOSFETs or IGBTs. This allows the driver to reverse the polarity of the current flowing through the motor coils, enabling rotation in both directions. #### B. The Controller IC At the heart of the LSMT2-425A0-R is a dedicated motor controller chip. This IC: - Translates digital pulse signals into high-power phases. - Manages the **Microstepping** logic to ensure smooth motion and low vibration. - Controls the PWM (Pulse Width Modulation) to maintain constant current. #### C. Current Sensing & Regulation This module features integrated sensing resistors or circuitry. It compares the actual current flowing through the motor against a reference voltage (often set by a potentiometer on the board) to prevent the motor from burning out while maintaining torque. #### D. Galvanic Isolation (Optocouplers) To protect the sensitive logic side (your PLC or Arduino), the signal inputs (Step/Dir) are usually optically isolated. This prevents electrical noise and voltage spikes from the motor power supply from damaging the controller. --- ### 3. Connection Pinout Overview | Pin Group | Function | Description | | :--- | :--- | :--- | | **PUL+ / PUL-** | Pulse Input | Controls the speed and distance of rotation. | | **DIR+ / DIR-** | Direction Input | Controls clockwise or counter-clockwise rotation. | | **ENA+ / ENA-** | Enable Input | Turns the motor current on or off. | | **A+, A-, B+, B-** | Motor Output | Connections to the two phases of the stepper motor. | | **VCC / GND** | Power Supply | Main DC power input. | --- ### 4. Typical Applications * **CNC Machinery:** For precise axis movement. * **3D Printers:** To control extrusion and build plate motion. * **Automated Labeling:** In high-speed packaging lines. * **Robotic Arms:** For joints requiring high holding torque.
    ✨ Follow-up Questions
    • ⤷ How do I set the microstepping dip switches for this driver?
    • ⤷ What is the recommended power supply voltage for a 24V motor using this driver?
    • ⤷ How do I calculate the current limit setting to avoid overheating?