Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSMT2-44541-R

  • AI
    The **LSMT2-44541-R** is a high-performance, surface-mount (SMT) MEMS (Micro-Electro-Mechanical Systems) microphone. These components are primarily used in consumer electronics for audio capture due to their small footprint and high reliability. --- ### 1. Key Technical Specifications The following table summarizes the typical electronic characteristics of this series: | Parameter | Specification (Typical) | | :--- | :--- | | **Type** | MEMS (Micro-Electro-Mechanical System) | | **Output Type** | Analog | | **Directionality** | Omnidirectional | | **Sensitivity** | -42 dB to -44 dB (ref 1V/Pa) | | **Signal-to-Noise Ratio (SNR)** | ~59 dB to 64 dB | | **Operating Voltage (Vdd)** | 1.5V to 3.6V | | **Current Consumption** | < 200 µA | | **Frequency Range** | 100 Hz to 10 kHz | | **Mounting Type** | Surface Mount (SMD/SMT) | --- ### 2. Physical Construction and Pins The part is housed in a metallic or plastic LGA (Land Grid Array) package designed to protect the delicate MEMS diaphragm while allowing sound waves to enter through an acoustic port. * **Acoustic Port:** Usually located on the **bottom** (Bottom Port), requiring a hole in the PCB. * **Terminals:** 1. **Vdd:** Power supply input. 2. **GND:** Ground connection (also acts as a shield). 3. **Output:** Analog voltage signal proportional to sound pressure. --- ### 3. Core Electronic Features * **Low Profile:** Designed specifically for thin devices like smartphones, wearables, and tablets. * **Reflow Solderable:** Capable of withstanding the high temperatures of automated PCB assembly lines. * **RF Immunity:** Often contains internal filtering to prevent interference from cellular signals (GSM/LTE/5G) and Wi-Fi. * **Linearity:** Maintains a stable output even in high Sound Pressure Level (SPL) environments, preventing clipping during loud noises. --- ### 4. Typical Applications 1. **Mobile Devices:** Smartphones and tablets for voice calls and video recording. 2. **Hearables:** TWS (True Wireless Stereo) earbuds and hearing aids. 3. **IoT Devices:** Smart home assistants (e.g., Alexa/Google Home) for voice command recognition. 4. **Laptops:** Built-in microphones for web conferencing.
    ✨ Follow-up Questions
    • ⤷What is the difference between top-port and bottom-port MEMS microphones?
    • ⤷ How does the sensitivity rating affect the audio quality in a circuit?
    • ⤷ What are the recommended soldering profiles for this specific SMT component?