Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSRFSBKS42292-R1-PF

  • AI
    Based on the part number provided, this appears to be a specific manufacturer-coded assembly or a specialized component (often associated with high-precision electronics or industrial power modules). While specific documentation for niche part numbers can be proprietary, the nomenclature suggests it belongs to the category of **High-Frequency Magnetic Components** or **Power Modules**. Below is a breakdown of the typical electronic characteristics and categories associated with this class of components. --- ### 1. General Component Classification Parts with this alphanumeric structure are commonly found in power conversion and signal management. | Feature | Description | | :--- | :--- | | **Component Type** | Likely a Surface Mount (SMD) Power Inductor or Pulse Transformer. | | **RoHS Status** | The suffix **-PF** usually indicates "Pb-Free" (Lead-Free/RoHS Compliant). | | **Series** | **LS** often denotes "Low Profile" or "Large Surface" mounting. | | **Material** | Likely utilizes a Ferrite or Metal Alloy core for high-density magnetic flux. | --- ### 2. Technical Specifications Analysis If this part follows standard industrial coding for inductors or filters: * **S/B/K/S:** These often represent tolerance levels, shielding types, or physical dimensions (e.g., Magnetic Shielding to prevent EMI). * **4229:** This usually refers to the physical footprint (e.g., 4.2mm x 2.9mm). * **R1:** This suffix often indicates the **Revision** level of the design or the **Inductance Value** (e.g., 0.1µH if following standard R-notation). --- ### 3. Key Electronic Characteristics Components in this family are engineered for the following performance metrics: 1. **Low DCR (DC Resistance):** Designed to minimize power loss and heat generation during operation. 2. **High Saturation Current:** Ability to maintain inductance even when high levels of current pass through the coil. 3. **EMI Shielding:** Integrated shielding to prevent the component from interfering with sensitive nearby circuits (like RF or Audio paths). 4. **Operating Temperature:** Typically rated for industrial ranges (-40°C to +125°C). --- ### 4. Common Applications This part is likely utilized in the following electronic environments: * **DC-DC Converters:** Providing energy storage for voltage regulation in mobile devices. * **Power Management Integrated Circuits (PMICs):** Filtering noise in high-speed processing units. * **Automotive Electronics:** If the part has specific "R1" reliability grading for vibration resistance. --- ### Troubleshooting & Identification Tip If you are looking for the exact datasheet, it is recommended to check the catalogs of manufacturers like **Sumida, TDK, Murata, or Chilisin**, as they use similar coding structures for their high-current inductor lines.
    ✨ Follow-up Questions
    • ⤷ What is the specific application or device this part is being used in?
    • ⤷ Do you have the manufacturer's name or logo from the component packaging?
    • ⤷ Are you looking for an equivalent replacement or cross-reference for this part?