Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSRFVG42293-R1-PF

  • AI
    Based on the technical designation, the **LSRFVG42293-R1-PF** appears to be a specialized electronic component, likely a **Surface Mount Device (SMD) Power Inductor** or a high-frequency filtering component. These parts are commonly used in power management modules for telecommunications or consumer electronics. Below is a breakdown of the typical electronic specifications and characteristics associated with this class of components. --- ### 1. General Specifications While specific manufacturer datasheets may vary slightly, components with this nomenclature generally follow these parameters: | Parameter | Estimated Value/Type | Description | | :--- | :--- | :--- | | **Component Type** | Inductor / Filter | Used for energy storage or noise suppression. | | **Mounting Type** | SMD/SMT | Surface Mount Technology for automated PCB assembly. | | **RoHS Status** | PF (Lead-Free) | "PF" suffix typically denotes "Pb-Free" or Lead-Free compliance. | | **Packaging** | Tape & Reel | Designed for pick-and-place machines. | ### 2. Key Electronic Functions The "LSR" prefix often indicates a **Low Static Resistance** or **Low Series Resistance** design. These parts are engineered for: * **DC-DC Conversion:** Acting as an energy storage element in buck or boost converters. * **EMI Suppression:** Filtering electromagnetic interference in high-speed data lines or power rails. * **High Current Handling:** Designed to maintain inductance stability even under high DC bias currents. ### 3. Suffix Decoding Electronic part numbers are alphanumeric codes where each segment represents a physical or electrical attribute: * **LSR:** Likely refers to the series (e.g., Low Series Resistance Inductor). * **42293:** Often represents the physical dimensions (e.g., 4.2mm x 2.9mm) or a specific internal design code. * **R1:** Usually indicates the inductance value (e.g., 0.1µH) or a specific revision of the component design. * **PF:** Stands for **Lead-Free (Pb-Free)**, indicating environmental compliance with RoHS standards. --- ### 4. Typical Applications These components are found in high-density electronic environments, including: 1. **Smartphones and Tablets:** In the PMIC (Power Management IC) section. 2. **Laptops/Servers:** Providing stable voltage to CPUs and GPUs. 3. **IoT Devices:** Where small footprints and high efficiency are required.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value for the R1 designation in this series?
    • ⤷ Which manufacturers typically produce the LSR series of inductors?
    • ⤷ What are the thermal operating limits for this specific part?