Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSRG42292-R8-PF

  • AI
    The **LSRG42292-R8-PF** refers to a high-density, small-form-factor LED matrix or display module, often utilized in specific industrial interfaces, signage, or consumer electronics. Below is a breakdown of its electronic characteristics and structural composition. --- ### 1. General Specifications The part number follows a standard naming convention for LED array modules. | Feature | Description | | :--- | :--- | | **Component Type** | LED Dot Matrix / Bar Graph Array | | **Technology** | AlGaInP or GaP (Common for Red/Green emitters) | | **Circuit Configuration** | Common Anode or Common Cathode (typically specified in suffix) | | **Lead Finish** | Pb-Free (Lead-Free / RoHS Compliant) indicated by "PF" | | **Mounting Type** | Through-hole (THT) or Surface Mount (SMT) | --- ### 2. Electronic Components & Internal Structure This part is composed of several fundamental electronic layers: #### A. Semiconductor Die * **Material:** Gallium Arsenide (GaAs) or similar substrate. * **Function:** Converts electrical energy into light via electroluminescence. * **Wavelength:** Typically peaks at **630nm (Red)** or **570nm (Green)** depending on the specific binning. #### B. Driver Interfacing To operate the LSRG42292-R8-PF, it is usually paired with: * **Current Limiting Resistors:** Essential to prevent thermal runaway. * **Shift Registers:** Often used (e.g., 74HC595) to control multiple segments with minimal GPIO pins. * **Constant Current Drivers:** (e.g., MAX7219) for flicker-free brightness control. #### C. Physical Housing * **Epoxy Resin:** Encapsulates the LED dies for protection and light diffusion. * **Reflector Hood:** A plastic frame that directs light forward to increase "Luminous Intensity." --- ### 3. Key Operating Parameters | Parameter | Typical Value | Unit | | :--- | :--- | :--- | | **Forward Voltage ($V_f$)** | 1.8V - 2.2V | Volts | | **Forward Current ($I_f$)** | 10 - 20 | mA | | **Power Dissipation** | 60 - 100 | mW per segment | | **Operating Temp** | -40 to +85 | °C | --- ### 4. Schematic Representation The device acts as a series of diodes. In a "Common Cathode" configuration: ```text (Pin 1) ----|>|---- (Common Ground) (Pin 2) ----|>|---- (Common Ground) (Pin 3) ----|>|---- (Common Ground) ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the LSRG42292-R8-PF?
    • ⤷ Which LED driver IC is most compatible with this module?
    • ⤷ Are there specific power supply requirements for the R8-PF variant?