Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LSWM-453232-R22J-B

  • AI
    The **LSWM-453232-R22J-B** is a specific surface-mount (SMD) power inductor. This component belongs to the wire-wound chip inductor category, designed for high-frequency circuits and power management applications. ### 1. Component Breakdown (Nomenclature) The part number typically follows a structured naming convention: | Code | Meaning | Description | | :--- | :--- | :--- | | **LSWM** | Series Name | Indicates a Wire-Wound Chip Inductor (Standard Type). | | **453232** | Case Size | Metric dimensions: 4.5mm x 3.2mm x 3.2mm (EIA 1812). | | **R22** | Inductance | The value is 0.22 µH (R acts as a decimal point). | | **J** | Tolerance | Indicates a ±5% tolerance. | | **B** | Packaging/Special | Often refers to Bulk or a specific plating/packaging type. | --- ### 2. Technical Specifications Inductors of this class generally feature the following electrical characteristics: * **Inductance:** 0.22 µH. * **Tolerance:** ±5% (J). * **Case Size:** 1812 (4532 Metric). * **Construction:** Wire-wound on a ceramic or ferrite core. * **Operating Temperature:** Typically ranges from -40°C to +125°C. * **SRF (Self-Resonant Frequency):** High SRF, making it suitable for high-frequency filtering. --- ### 3. Key Electronic Functions 1. **Energy Storage:** It stores energy in a magnetic field when electric current flows through it, commonly used in DC-DC converters. 2. **Impedance/Filtering:** It acts as a low-pass filter, allowing DC to pass while blocking high-frequency noise (EMI/RFI). 3. **Signal Matching:** In RF circuits, these inductors are used for impedance matching to ensure maximum power transfer between stages. --- ### 4. Typical Applications * **Telecommunications:** Base stations and networking hardware. * **Consumer Electronics:** Power supply modules for laptops and tablets. * **Automotive:** Infotainment systems and electronic control units (ECU). * **Industrial:** DC-DC conversion and signal decoupling. ---
    ✨ Follow-up Questions
    • ⤷ What are the alternative case sizes available for the LSWM series?
    • ⤷ How does the 'R22' value compare to a '220' value in inductor naming?
    • ⤷ What is the maximum current rating (Irms) for this specific 0.22uH inductor?