Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LT1680ISW

  • AI
    ## Overview of the LT1680ISW The **LT1680ISW** is a high-power, synchronous step-down (buck) switching regulator controller manufactured by Linear Technology (now part of Analog Devices). It is designed to drive N-channel MOSFETs and is optimized for high-efficiency power conversion in industrial and automotive applications. --- ### Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 9V to 60V | | **Output Voltage** | Adjustable (down to 1.25V) | | **Operating Frequency** | 75kHz to 250kHz (Programmable) | | **Gate Drive** | 2A Peak Current (High-side and Low-side) | | **Package Type** | 20-Lead Plastic SO (Wide) | | **Operating Temperature** | -40°C to 125°C (Industrial Grade) | --- ### Core Electronic Features The LT1680ISW incorporates several critical electronic sub-systems that define its performance: 1. **Synchronous Rectification**: It drives two N-channel MOSFETs. By using a synchronous MOSFET instead of a traditional Schottky diode, it significantly reduces conduction losses, leading to efficiencies often exceeding 90%. 2. **Current Mode Control**: The device uses peak current mode control, which provides excellent line and load transient response and simplifies loop compensation. 3. **High Voltage Operation**: With a 60V maximum input rating, it is robust enough to handle "load dump" conditions in 12V/24V automotive systems or high-voltage industrial rails. 4. **$5V_{REF}$ and $12V_{IN}$ LDO**: It contains internal regulators to provide the necessary bias voltages for internal logic and gate drivers, reducing the need for external power components. 5. **Soft-Start and Inhibit**: Programmable soft-start allows for controlled ramp-up of the output voltage, preventing large inrush currents that could damage the source or the load. --- ### Pin Configuration Highlights | Pin | Name | Description | | :--- | :--- | :--- | | **1** | **$V_{CC}$** | Main supply pin for internal control circuitry. | | **4** | **$V_{C}$** | Error amplifier output and compensation point for the control loop. | | **10** | **$SENSE^{+}$** | Positive input for the current sense comparator. | | **19** | **TG** | Top Gate drive for the external high-side N-channel MOSFET. | | **16** | **BG** | Bottom Gate drive for the external synchronous N-channel MOSFET. | --- ### Typical Application Circuit Example ```python # Conceptual connection logic for LT1680ISW Input_Power = "9V - 60V DC" Controller = "LT1680ISW" External_MOSFETs = ["High-side N-Ch", "Low-side N-Ch"] Inductor = "Power Inductor (L1)" Output = "Regulated Vout (e.g., 5V or 12V)" def power_flow(): source(Input_Power) -> Controller Controller -> drive(External_MOSFETs) External_MOSFETs -> filter(Inductor) -> Output ```
    ✨ Follow-up Questions
    • ⤷ What are the main advantages of using synchronous rectification in the LT1680ISW?
    • ⤷ How do you calculate the timing resistor for setting the switching frequency?
    • ⤷ What external components are required to implement the current limit feature?