Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTC1589CG

  • AI
    ## Overview of the LTC1589CG The **LTC1589CG** is a high-performance, 14-bit, monolithic current-output digital-to-analog converter (DAC). It is specifically designed for high-resolution applications requiring precision and speed, such as industrial process control and high-end instrumentation. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and performance characteristics of the LTC1589CG: | Parameter | Specification | | :--- | :--- | | **Resolution** | 14-Bit | | **Interface Type** | Parallel (Fast Settling) | | **Output Type** | Current (4-Quadrant Multiplying) | | **Settling Time** | 2 µs to 0.012% | | **Integral Nonlinearity (INL)** | ±1 LSB (Max) | | **Differential Nonlinearity (DNL)** | ±1 LSB (Max) | | **Supply Voltage** | 5V Single Supply | | **Package Type** | SSOP-28 (28-lead Shrink Small Outline Package) | --- ### 2. Functional Components and Architecture The LTC1589CG operates based on a **multiplying DAC** architecture, which allows it to handle an external reference voltage that can be AC or DC. * **R-2R Ladder Network:** Uses high-precision thin-film resistors to ensure 14-bit linearity over the full temperature range. * **Four-Quadrant Operation:** It can multiply a bipolar reference voltage by a signed digital input, making it useful for signal attenuation or waveform generation. * **Deglitcher Circuitry:** Features internal circuitry to minimize the "glitch impulse" during digital transitions, ensuring a smooth analog output. * **Parallel Interface:** Unlike serial DACs, the parallel interface allows for instantaneous data loading, crucial for high-speed control loops. --- ### 3. Pinout and Integration The device is housed in a 28-pin SSOP package. Key pin categories include: 1. **Digital Inputs (D0-D13):** The 14-bit parallel data bus. 2. **Control Pins:** Includes Write ($\overline{WR}$) and Chip Select ($\overline{CS}$) for data latching. 3. **Reference Input ($V_{REF}$):** The input for the external reference voltage. 4. **Feedback Resistor ($R_{FB}$):** An internal resistor matched to the R-2R ladder, used with an external Op-Amp to convert the current output to a voltage. 5. **Output Current ($I_{OUT1}$, $I_{OUT2}$):** The complementary current outputs. --- ### 4. Application Use Cases Due to its high accuracy and low noise, the LTC1589CG is commonly found in: * **Automatic Test Equipment (ATE):** Precise signal generation for testing semiconductors. * **Process Control:** Fine-tuning valve positions or motor speeds in industrial environments. * **Communication Systems:** Gain control and signal modulation. * **Digitally Controlled Filters:** Adjusting the cutoff frequency of analog filters.
    ✨ Follow-up Questions
    • What are the advantages of a current-output DAC over a voltage-output DAC?
    • How do you connect an external Op-Amp to the LTC1589CG for voltage conversion?
    • Is the LTC1589CG pin-compatible with other 12-bit or 16-bit DACs in the same family?