Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTC1663CMS8

  • AI
    ## Overview of the LTC1663CMS8 The **LTC1663CMS8** is a high-performance, 10-bit digital-to-analog converter (DAC) designed for low-power applications. It is specifically known for its **I²C interface** and small footprint, making it ideal for space-constrained electronics. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Resolution** | 10-Bit | | **Interface** | 2-Wire (I²C Compatible) | | **Supply Voltage Range** | 2.7V to 5.5V | | **Power Consumption** | 60µA (at 3V) | | **Sleep Mode Current** | 10µA (max) | | **Package Type** | MSOP-8 | | **DNL / INL** | ±0.75 LSB / ±3 LSB (max) | --- ### Key Electronic Components & Features #### 1. Internal Reference The device includes an internal reference that is trimmed for accuracy. However, it can also use the supply voltage ($V_{CC}$) as the reference, which allows for ratiometric operation. #### 2. I²C Serial Interface It utilizes a standard 2-wire interface (SCL for clock and SDA for data). * **Address Pins:** The "MS8" package version typically has fixed or hardware-selectable addresses depending on the specific sub-variant, allowing multiple devices on the same bus. * **Speed:** It supports standard (100kHz) and fast (400kHz) I²C modes. #### 3. Output Buffer The LTC1663 features a rail-to-rail output amplifier. This ensures that the output voltage can swing from $0V$ to the full $V_{CC}$ range, which is critical for low-voltage battery-operated systems. #### 4. Power Management One of its standout features is the **Sleep Mode**. By sending a specific command over the I²C bus, the DAC can be powered down to save energy, drawing less than 10µA. --- ### Pin Configuration (MSOP-8) | Pin No. | Name | Function | | :--- | :---: | :--- | | 1 | $V_{CC}$ | Positive Supply Input | | 2 | GND | Ground | | 3 | SCL | Serial Clock Input | | 4 | SDA | Serial Data Input/Output | | 5 | ADDRESS | I²C Address Select | | 6 | NC | No Connection | | 7 | NC | No Connection | | 8 | $V_{OUT}$ | DAC Analog Output | --- ### Typical Application Diagram To integrate the LTC1663, you typically need a decoupling capacitor and pull-up resistors for the I²C lines. ```cpp // Example: Pseudo-code for sending a 10-bit value void writeDAC(uint16_t value) { Wire.beginTransmission(LTC1663_ADDR); Wire.write(COMMAND_BYTE); // Command for update Wire.write(value >> 2); // MSB 8-bits Wire.write(value << 6); // LSB 2-bits + 6 padding bits Wire.endTransmission(); } ``` --- ### Common Use Cases * **Industrial Process Control:** Adjusting offset and gain in sensors. * **Portable Instrumentation:** Due to the low power consumption. * **Digital Calibration:** Replacing mechanical potentiometers. * **Battery-Powered Devices:** Optimized for 3V and 5V systems.
    ✨ Follow-up Questions
    • ⤷What is the difference between the LTC1663 and LTC1669?
    • ⤷ How do you calculate the output voltage based on the 10-bit digital input?
    • ⤷ What are the pull-up resistor requirements for the I2C lines in this chip?