Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTCEC-110D-R

  • AI
    The **LTCEC-110D-R** is a specific electronic component belonging to the family of **Coaxial Terminations** (also known as dummy loads). These parts are designed to absorb radio frequency (RF) energy and turn it into heat, preventing signal reflections that could damage sensitive transmission equipment. --- ## 1. Technical Specifications Below is a breakdown of the typical electronic characteristics for this series: | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RF Coaxial Termination / Dummy Load | | **Impedance** | 50 Ohms (Standard) | | **Connector Type** | DIN 7/16 (Male/Female depending on sub-variant) | | **Power Rating** | 110 Watts (Average) | | **Frequency Range** | DC up to 3.0 GHz (varies by specific revision) | | **VSWR** | ≤ 1.15:1 to 1.25:1 | | **Cooling Method** | Convection Air Cooled (Heatsink fins) | --- ## 2. Key Electronic Functions The LTCEC-110D-R performs several critical roles within an RF circuit: ### A. Impedance Matching The primary electronic role is to provide a pure **50-ohm resistive load**. This matches the characteristic impedance of standard transmission lines, ensuring that the VSWR (Voltage Standing Wave Ratio) remains low. ### B. Signal Absorption When testing a transmitter without an antenna, the LTCEC-110D-R absorbs the full output power. Without this part, the energy would reflect back into the power amplifier, likely causing a "blown" final stage. ### C. Thermal Dissipation The "110D" in the part number usually signifies its **110W power handling capacity**. The electronic energy is converted into thermal energy through an internal high-power resistor, which is then dissipated through the black anodized aluminum cooling fins. --- ## 3. Physical & Material Composition * **Housing:** High-grade aluminum with a black finish for maximum heat radiation. * **Inner Conductor:** Silver or gold-plated brass to minimize skin-effect losses and ensure high conductivity. * **Insulator:** PTFE (Teflon), chosen for its excellent dielectric properties and high-temperature resistance. --- ## 4. Application Areas This component is typically found in: * **Base Station Maintenance:** Testing cellular towers without radiating a live signal. * **Lab Testing:** Calibrating RF measurement equipment. * **Broadcast Systems:** Providing a backup load for transmitters during maintenance.
    ✨ Follow-up Questions
    • ⤷What is the maximum VSWR rating for the LTCEC-110D-R at 3 GHz?
    • ⤷ How does the power rating change if the ambient temperature exceeds 40°C?
    • ⤷ What are the primary differences between the R-suffix and standard models?