Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

  • LTCEC-12501-R

  • AI
    The **LTCEC-12501-R** is a high-performance electronic component typically used in telecommunications and data networking hardware. Specifically, it belongs to the category of **integrated RJ45 connector modules**, often referred to as "MagJack" connectors. --- ### 1. General Specifications The device integrates traditional RJ45 physical connection points with internal magnetics (transformers and chokes) required for Ethernet communication. | Feature | Specification | | :--- | :--- | | **Component Type** | Integrated RJ45 Connector (Magnetics) | | **Port Configuration** | 1x1 (Single Port) | | **Ethernet Speed** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Side Entry | | **Mounting Type** | Through-Hole (THT) | | **Shielding** | Metal Shield with EMI Tabs | --- ### 2. Internal Electronic Parts The "CEC" in the part number usually indicates a specific internal schematic involving several passive components: * **Isolation Transformers:** Provides 1500Vrms isolation between the cable side and the PHY (Physical Layer) side to protect sensitive circuitry from power surges. * **Common Mode Chokes:** Filters out high-frequency noise and electromagnetic interference (EMI) to ensure signal integrity over long cable runs. * **Termination Resistors:** Typically 75-ohm resistors used to match impedance and reduce signal reflections. * **High-Voltage Capacitors:** Usually 2kV capacitors used for "Bob Smith" termination to reduce common-mode emissions. --- ### 3. Physical Features & Pinout The LTCEC-12501-R is designed for durability and signal stability: 1. **LEDs:** Often features integrated Green/Yellow LEDs for Link and Activity status (check specific datasheet for polarity). 2. **Gold Plating:** The contact pins are typically plated with 30µ" to 50µ" of gold to prevent oxidation and ensure a low-resistance connection. 3. **EMI Tabs:** Metal "fingers" on the outer shield provide a grounded connection to the chassis/enclosure, reducing noise leakage. --- ### 4. Applications This part is commonly found in the following electronic systems: * **Network Switches and Routers:** Primary interface for LAN cables. * **Industrial PCs:** Provides robust Ethernet connectivity in harsh environments. * **Embedded Systems:** Used in IoT gateways or controllers that require wired internet access. ---
    ✨ Follow-up Questions
    • ⤷What is the specific pinout diagram for the LTCEC-12501-R?
    • ⤷ Does this component support Power over Ethernet (PoE)?
    • ⤷ What are the recommended footprint dimensions for PCB layout?